Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 495 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 495 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 491Page - National Semiconductor (TI) CS5535 Datasheet HTML 492Page - National Semiconductor (TI) CS5535 Datasheet HTML 493Page - National Semiconductor (TI) CS5535 Datasheet HTML 494Page - National Semiconductor (TI) CS5535 Datasheet HTML 495Page - National Semiconductor (TI) CS5535 Datasheet HTML 496Page - National Semiconductor (TI) CS5535 Datasheet HTML 497Page - National Semiconductor (TI) CS5535 Datasheet HTML 498Page - National Semiconductor (TI) CS5535 Datasheet HTML 499Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 495 / 555 page
background image
Revision 0.8
495
www.national.com
PMC Register Descriptions (Continued)
5.18.3.13 PM Working Auxiliary Assert Delay from Standby Wakeup (PM_WKXA)
Reads always return the value written, except for RSVD bits [29:20].
5.18.3.14 PM Fail-Safe Delay and Enable (PM_FSD)
Reads always return the value written, except for RSVD bits [29:20].
19:0
RESET_DELAY
Reset De-assert Delay. Indicates the number of 32 kHz clock edges to continue
asserting RESET_OUT# from Standby Wakeup. Default value is 8 ms. This delay starts
only if the RESET_WORK# input is de-asserted and the internal Low Voltage Detect
circuit detects normal operating voltages on VCORE. (Default = 00100h.) (See Section
3.6 "Reset Considerations" on page 58 for further details regarding reset conditions.)
Bit 30 (RESET_EN) must be high to enable this delay.
Reset will be applied to the system for the longer of this value or until the internal Low
Voltage Detect circuit detects normal operating voltages on VCORE
PMS I/O Offset
3Ch
Type
R/W
Reset Value
00000000h
PM_WKXA Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
WORK_AUX_DELAY
PM_WKXA Bit Descriptions
Bit
Name
Description
31
WORK_AUX_
LOCK
Working Auxiliary Lock. After this bit is set, the value in this register can not be
changed until RESET_STAND# is applied.
30
WORK_AUX_EN
Working Auxiliary Delay Enable. Must be high to enable the delay specified in bits
[19:0] (WORK_AUX_DELAY). If this bit is low, the WORK_AUX output is uncondition-
ally asserted at Standby wakeup. If WORK_AUX was not de-asserted going into
Standby, then this control is a “don’t care”.
29:20
RSVD
Reserved. By convention write 0, but may write anything. Reads return 0.
19:0
WORK_AUX_
DELAY
Working Auxiliary Assert Delay. Indicates the number of 32 kHz clock edges to wait
from Standby wakeup before asserting the WORK_AUX output. Bit 30
(WORK_AUX_EN) must be high to enable this delay.
May be programmed to assert before or after RESET_OUT# de-asserts.
The Standby wakeup event is not recognized until Normal (NWKD) or Abnormal
(AWKD) to Work Delay expires, if those delays are enabled. (See PMS I/O Offset 4Ch
and 50h for details regarding the NWKD and AWKD registers.)
PMS I/O Offset
40h
Type
R/W
Reset Value
00000000h
PM_RD Bit Descriptions (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com