Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 496 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 496 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 492Page - National Semiconductor (TI) CS5535 Datasheet HTML 493Page - National Semiconductor (TI) CS5535 Datasheet HTML 494Page - National Semiconductor (TI) CS5535 Datasheet HTML 495Page - National Semiconductor (TI) CS5535 Datasheet HTML 496Page - National Semiconductor (TI) CS5535 Datasheet HTML 497Page - National Semiconductor (TI) CS5535 Datasheet HTML 498Page - National Semiconductor (TI) CS5535 Datasheet HTML 499Page - National Semiconductor (TI) CS5535 Datasheet HTML 500Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 496 / 555 page
background image
www.national.com
496
Revision 0.8
PMC Register Descriptions (Continued)
5.18.3.15 PM Thermal-Safe Delay and Enable (PM_TSD)
Reads always return the value written, except for RSVD bits [29:20].
PM_FSD Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
PWRBUT_DELAY
PM_FSD Bit Descriptions
Bit
Name
Description
31
PWRBUT_LOCK
Power Button Lock. After this bit is set, the value in this register can not be changed
until RESET_STAND# is applied.
30
PWRBUT_EN
Power Button Enable. Must be high to enable the fail-safe function.
29:20
RSVD
Reserved. By convention write 0, but may write anything. Reads return 0.
19:0
PWRBUT_DELAY
Power Button Delay. If the Power Button (PWR_BUT#) input signal is asserted for
PWRBUT_DELAY number of 32 kHz clock edges, then unconditionally de-assert
WORKING and WORK_AUX to remove Working power. If PWR_BUT# is still asserted
at wakeup, hold in Standby state until de-asserted.
PWR_BUT# needs to be asserted for at least one 32 kHz clock edge for this function to
work properly. A less than one 32 kHz clock edge pulse on PWR_BUT# may not be
registered.
The delay restarts if PWR_BUT# de-asserts and then asserts again. If PWR_BUT# is
already asserted, the delay restarts anytime PWRBUT_DELAY (this field) is written.
PMS I/O Offset
44h
Type
R/W
Reset Value
00000000h
PM_TSD Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
THRM_DELAY
PM_TSD Bit Descriptions
Bit
Name
Description
31
THRM_LOCK
Thermal Lock. After this bit is set, the value in this register can not be changed until
RESET_STAND# is applied.
30
THRM_EN
Thermal Enable. Must be high to enable the thermal alarm function.
29:20
RSVD
Reserved. By convention write 0, but may write anything. Reads return 0 value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com