Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 109 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 109 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 105Page - National Semiconductor (TI) CS5535 Datasheet HTML 106Page - National Semiconductor (TI) CS5535 Datasheet HTML 107Page - National Semiconductor (TI) CS5535 Datasheet HTML 108Page - National Semiconductor (TI) CS5535 Datasheet HTML 109Page - National Semiconductor (TI) CS5535 Datasheet HTML 110Page - National Semiconductor (TI) CS5535 Datasheet HTML 111Page - National Semiconductor (TI) CS5535 Datasheet HTML 112Page - National Semiconductor (TI) CS5535 Datasheet HTML 113Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 555 page
background image
Revision 0.8
109
www.national.com
PIC Functional Description (Continued)
6)
The acknowledge operation generally de-asserts INTR
if there are no higher priority interrupts. However, it is
possible that another interrupt is generated in the sys-
tem anytime after the acknowledge. Any new inter-
rupts will appear in the IRR. If they are higher priority
than the current interrupt, then the INTR is re-
asserted. Since interrupts are disabled at the proces-
sor, INTR remaining high or going high during the
interrupt service routine has no effect until interrupts
are explicitly enabled again at the processor by the
interrupt service routine or implicitly enabled when a
return-from-interrupt is executed.
7)
The interrupt service routine masks off the interrupt in
the LPIC Interrupt Mask Register (IMR). The interrupt
service routine interacts with the OS to schedule calls
to the drivers associated with the interrupt. If level, one
or more drivers could be associated. If edge, only one
driver could be associated. The service executes a
return-from-interrupt.
8)
The OS calls the drivers associated with the interrupt
as scheduled. Each driver checks its associated
device to determine service needs. If no “need”, the
driver returns to the OS without any action. If “need”,
the driver performs the interrupt action, clears the
interrupt source, and returns to the OS. When all the
scheduled drivers have been called, the OS un-masks
the interrupt at LPIC. Note that the individual drivers
do not directly interact with LPIC.
Note in the above procedure that there is not a need to
handle “level” and “edge” types separately as long as
“edge” types are not shared.
Real-Time Interrupts Approach
The following discussion assumes the “work” associated
with the interrupt is performed in the interrupt service rou-
tine. The setup and steps 1 through 6 are the same:
7)
If there is only one driver associated with the interrupt,
it is called at this point. If more than one driver
(shared), then they could be called in order to deter-
mine “need”. Alternately, the XIRR could be read to
directly identify the source.
8)
Depending on the event being serviced and the OS
policies, the processor will enable interrupts again at
some point. Potentially, this will generate another
higher priority interrupt causing the current service
routine to nest with another interrupt acknowledge
cycle. For a nest operation, an additional bit will be set
in the ISR.
9)
Eventually, the highest priority service routine is run-
ning and INTR is de-asserted. The service calls the
driver(s) associated with the interrupt. The driver com-
pletes the interrupt “work”, clears the interrupt at its
system source, and returns to the interrupt service
routine.
10) The interrupt service routine disables interrupts at the
processor and prepares to return to a lower priority
service routine or the initially interrupted process. It
writes an end-of-interrupt (EOI) command (020h) to
the LPIC OCW2 register. This clears the highest prior-
ity ISR bit. One EOI always clears one ISR bit. The
service routine executes a return-from-interrupt that
enables interrupts again at the processor.
11) It is possible for INTR to assert from the same interrupt
as soon as EOI is written. The initial interrupt acknowl-
edge action copies the bit to the ISR. For edge mode,
the initial interrupt acknowledge action also clears the
bit in the IRR. For level, IRR always reflects the level of
the signal on the interrupt port. After the interrupt
acknowledge for edge mode, another edge could set
the bit in the IRR before the EOI. If in level mode,
another shared interrupt could be keeping the input
high or potentially the initial interrupt has occurred
again, since the driver cleared the source but before
the EOI. At any rate, if IRR is high at EOI, INTR will
immediately assert again. Hence, the need to disable
interrupts at the processor in step 10 above before
writing the EOI.
12) Eventually, all system events are serviced and control
returns to the originally interrupted program.
Note that the above procedure did not use the Interrupt
Mask Register (IMR), but variations on the above could
have. Lastly note, as in the first discussion, drivers do not
directly interact with the LPIC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com