Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 110 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 110 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 106Page - National Semiconductor (TI) CS5535 Datasheet HTML 107Page - National Semiconductor (TI) CS5535 Datasheet HTML 108Page - National Semiconductor (TI) CS5535 Datasheet HTML 109Page - National Semiconductor (TI) CS5535 Datasheet HTML 110Page - National Semiconductor (TI) CS5535 Datasheet HTML 111Page - National Semiconductor (TI) CS5535 Datasheet HTML 112Page - National Semiconductor (TI) CS5535 Datasheet HTML 113Page - National Semiconductor (TI) CS5535 Datasheet HTML 114Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 555 page
background image
www.national.com
110
Revision 0.8
4.9
KEYBOARD EMULATION LOGIC
The Keyboard Emulation Logic (KEL) provides a virtual
8042 keyboard controller interface that is used to map non-
legacy keyboard and mouse sources to this traditional
interface. For example, Universal Serial Bus (USB) sources
are “connected” to this interface via System Management
Mode (SMM) software. It also allows mixed environments
with one LPC legacy device and multiple new (USB)
devices. It produces IRQ and ASMI outputs.
Features
• Provides a virtual 8042 keyboard controller interface.
• Allows mixed environments.
• Produces IRQ and ASMI outputs.
• Employs a clock control logic for power management
purposes.
• No USB controller required for KEL to operate.
4.9.1
Keyboard Emulation and Port A
The Keyboard Emulation Logic (KEL) with Port A is illus-
trated in Figure 4-21. Strictly speaking, these are separate
functions. However, since they both effect the FA20#
(Force processor Address bit 20 to zero when low), the two
functions are implemented together. The Keyboard Emula-
tion Logic is the most complex and is discussed first.
Figure 4-21. KEL Block Diagram
*
*
*
Port A Write
& Read
KEL X
Control
32
32
88
USB1_SOF
Local Bus Clock
Reset
IN
OUT
OUT
IN
Local Bus Data
Local Bus Data
*
* Read-Back Multiplexer is not shown
USB2_SOF
1 kHz Clock
Keyboard
Emulator
Logic (KEL)
LPC_IRQ1
LPC_IRQ12
ASMI
EmulationEnable
SnoopEnable
FA20#
INIT Keyboard
IRQ 1 (to PIC Subsystem)
IRQ 12 (to PIC Subsystem)
EmulationInterrupt
Port A Enable
A20 Keyboard
INIT Port A
A20 Port A
Port 060h and
Port 064h Write
Port 060h
Read
*
Port 064h
Read
HCE
Control
HCE
Input
HCE
Output
HCE
Status
*
*
14 MHz
to
1 kHz
14 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com