Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 114 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 114 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 110Page - National Semiconductor (TI) CS5535 Datasheet HTML 111Page - National Semiconductor (TI) CS5535 Datasheet HTML 112Page - National Semiconductor (TI) CS5535 Datasheet HTML 113Page - National Semiconductor (TI) CS5535 Datasheet HTML 114Page - National Semiconductor (TI) CS5535 Datasheet HTML 115Page - National Semiconductor (TI) CS5535 Datasheet HTML 116Page - National Semiconductor (TI) CS5535 Datasheet HTML 117Page - National Semiconductor (TI) CS5535 Datasheet HTML 118Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 555 page
background image
www.national.com
114
Revision 0.8
KEL Functional Description (Continued)
4.9.12 Related Diverse Device Functions
FA20# and INIT are not passed directly to the processor.
SSM code manipulates equivalent functions in the proces-
sor.
The HCE registers are considered part of the USB opera-
tional register set for some software and hence share the
same memory mapped register space. The GLIU descrip-
tor
for
the
USBs,
MSR_LBAR_KEL1,
and
MSR_LBAR_KEL2 must all be set to the same base. The
GLIU will route accesses at memory offset 100h and above
to the Diverse Device and accesses below 100h to the
USB.
The address decoder in the DIVIL routes accesses to I/O
Addresses 060h and 064h to the KEL or LPC based on the
value of EmulationEnable in HCE_Control (KEL Memory
Offset 100h). If snoop mode is enabled and the Emulation-
Enable bit is not set, writes are made directly to both the
KEL and LPC.
The LPC IRQ1 and IRQ12 outputs are connected to both
KEL and the PIC subsystem. Masking logic in the sub-
system allows the LPC interrupts to be used directly or the
KEL set can be used.
The KEL ASMI is routed through the Diverse Device’s
Standard GLD_MSR_SMI (MSR 51400002h). It may be
masked
off
there,
but
it
is
only
cleared
via
MSR_KELX_CTL (MSR 5140001Fh).
4.9.13 Emulation Event Decode
Emulation Events are of two types: frame synchronous and
asynchronous. The conditions for a frame synchronous
interrupt are sampled by the KEL at each SOF interval and,
if an event condition exists, it is signaled at that time. For
asynchronous events, the event is signaled as soon as the
condition exists.
The equation for the synchronous Emulation Event condi-
tion is:
synchronousEvent =
HCE_Control.EmulationEnable
(KEL Memory Offset 100h[0])
and
HCE_Control.CharacterPending
(KEL Memory Offset 100h[2])
and not
HCE_Status.OutputFull
(KEL Memory Offset 10Ch[0]).
When this decode is true, an Emulation Event is generated
at the next SOF. The Event condition is latched until the
decode becomes false.
The equation for the asynchronous Emulation Event condi-
tion is:
asynchronousEvent =
HCE_Control.EmulationEnable
(KEL Memory Offset 100h[0])
and
HCE_Status.InputFull
(KEL Memory Offset 10Ch[1]),
or
HCE_Control.ExternlIRQEn
(KEL Memory Offset 100h[4])
and
HCE_Control.IRQ1Active
(KEL Memory Offset 100h[6])
or
HCE_Control.IRQ12Active
(KEL Memory Offset 100h[7]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com