Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 112 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 112 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 108Page - National Semiconductor (TI) CS5535 Datasheet HTML 109Page - National Semiconductor (TI) CS5535 Datasheet HTML 110Page - National Semiconductor (TI) CS5535 Datasheet HTML 111Page - National Semiconductor (TI) CS5535 Datasheet HTML 112Page - National Semiconductor (TI) CS5535 Datasheet HTML 113Page - National Semiconductor (TI) CS5535 Datasheet HTML 114Page - National Semiconductor (TI) CS5535 Datasheet HTML 115Page - National Semiconductor (TI) CS5535 Datasheet HTML 116Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 555 page
background image
www.national.com
112
Revision 0.8
KEL Functional Description (Continued)
ms counter can be used (MSR 5140001Fh[3:2]). At the
beginning of each frame, the conditions that define asyn-
chronous EEs are checked and, if an EE condition exists,
the EE is signaled to the host. This has the effect of reduc-
ing the number of EEs that are generated for legacy input
to no more than 1,000 per second. The number of emula-
tion interrupts is limited because the maximum rate of data
delivery to an application cannot be more than 1,000 bytes
per second. A benefit of this rule is that, for normal key-
board and mouse operations, only one EE is required for
each data byte sent to the application. Additionally, delay of
the EE until the next Start of Frame causes data persis-
tence for keyboard input data that is equivalent to that pro-
vided by an 8042.
4.9.6
Theory - KEL EEs
There are three EEs that produce the signal KEL ASMI.
These three EEs are: Character Pending, Input Full, and
External IRQ. An A20 sequence is a possible Input Full EE.
The A20Sequence bit in the HCE_Control register (KEL
Memory Offset 100h[5]) will be set in this case. The signal
KEL ASMI is an active high pulse one Local bus clock in
width and sent to the Diverse Integration Logic (DIVIL).
This signal is only asserted when the EmulationEnable bit
in HCE_Control is high (KEL Memory Offset 100h[0] = 1),
that is, emulation is enabled. For an EE, KEL also option-
ally produces an Emulation IRQ (KEL_EMU_IRQ). This
signal is a level and is only asserted when the EE Routing
(EER) bit in MSR_KELX_CTL (MSR 5140001Fh[1]) is low.
De-asserting KEL_EMU_IRQ requires clearing the appro-
priate bit in the HCE_Control or KEL HCE_Status registers
(KEL Memory Offset 100h and 10Ch).
For
the
keyboard
A20Sequence,
KEL
sets
the
KEL_A20_ASMI_FLAG if enabled in the DIVIL.
Keyboard INIT and A20 are generated as appropriate when
emulation
is
enabled
or
snoop
is
enabled
in
MSR_KELX_CTL. KEL ASMI is generated as appropriate
when emulation is enabled. KEL ASMI is not generated
when emulation is disabled and snoop is enabled.
Key-
board A20 under snoop does not require service beyond
the DIVIL GLD_MSR_SMI (MSR 51400002h); that is, KEL
does not need to be manipulated. The InputFull bit in
HCE_Status (KEL Memory Offset 10Ch[1]) will set, but
does
not
require
service.
Each
new
keyboard
A20Sequence
will
set
the
KEL_INIT_ASMI_FLAG
if
enabled.
If a write to Port A changes the value of bit 1, the KEL sets
the PORTA_A20_ASMI_FLAG if enabled in the DIVIL. If bit
0
of
Port
A
is
written
to
a
1,
KEL
sets
the
PORTA_INIT_ASMI_FLAG if enabled in the DIVIL. It also
sets Port A to the value 2; that is, only bit 1 is high. The
A20State bit in HCE_Control (KEL Memory Offset 100h[8])
is not effected.
The rate of application software reading of I/O Address
060h is dependent on the alternate device interrupt rate or
SOFEVENT (Start of Frame Event, MSR 5140001Fh[3:2])
when the CharacterPending bit is used in the HCE_Control
register (KEL Memory Offset 100h[2]). There is one KEL
EE per application software read of I/O Address 060h when
CharacterPending is set.
The rate of application software writing of I/O Addresses
060h and 064h is no greater than SOFEVENT. Generally,
there is one KEL EE per application write to I/O Address
060h.
SOFEVENT is used to emulate normal delays associated
with a real 8042 controller and PS/2 device. Its source is
established via MSR 5140001Fh[3:2]. Its value is 1 ms
frame interval.
4.9.7
Theory - Mixed Environment
A mixed environment is one in which an alternate device
and a PS/2 device are supported simultaneously (e.g., a
USB keyboard and a PS/2 mouse). The mixed environment
is supported by allowing the emulation software to control
the PS/2 interface. Control of this interface includes captur-
ing I/O accesses to I/O Addresses 060h and 064h and also
includes capture of interrupts from the PS/2 keyboard con-
troller off the LPC. IRQ1 and IRQ12 from the LPC keyboard
controller are routed through the KEL. When External-
IRQEn in HCE_Control (KEL Memory Offset 100h[4]) is
set, IRQ1 and IRQ12 from the legacy keyboard controller
are blocked at the KEL and an ASMI is generated instead.
This allows the emulation software to capture data coming
from the legacy controller and presents it to the application
through the emulated interface. The behavior of IRQ1 and
IRQ12 with respect to ExternalIRQEn and IRQEN bits is
summarized in Table 4-16.
Table 4-16. KEL Mixed Environment
Emulation
Enable
ExternalIRQEn
IRQEN
LPC_IRQ1
LPC_IRQ12
OutputFull
OutputFull
Aux
IRQ1
Active
IRQ12
Active
Action
1
0
1
001
0
0
0
IRQ1
1
0
1
000
1
0
0
IRQ12
x
1
0
010
0
0
1
EE
x
1
0
100
0
1
0
EE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com