Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 150 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 150 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 146Page - National Semiconductor (TI) CS5535 Datasheet HTML 147Page - National Semiconductor (TI) CS5535 Datasheet HTML 148Page - National Semiconductor (TI) CS5535 Datasheet HTML 149Page - National Semiconductor (TI) CS5535 Datasheet HTML 150Page - National Semiconductor (TI) CS5535 Datasheet HTML 151Page - National Semiconductor (TI) CS5535 Datasheet HTML 152Page - National Semiconductor (TI) CS5535 Datasheet HTML 153Page - National Semiconductor (TI) CS5535 Datasheet HTML 154Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 555 page
background image
www.national.com
150
Revision 0.8
GPIO Subsystem Functional Description (Continued)
4.15.5 Input Conditioning Functions
GPIOs in the CS5535 may have their inputs conditioned by
configurable circuitry as illustrated in Figure 4-49 on page
149. Any GPIO may be connected to one of eight Input
Conditioning functions, each consisting of a Digital Filter
and an Event Counter (known as an Event/Filter pair).
Each GPIO is followed by an edge detection function that
may be set for either positive or negative going edges. As
shown in Figure 4-49, the edge detection function may be
used to monitor the output of the Event/Filter pair that has
been associated with that particular GPIO, or it may be
used independently of the Event /Filter pair.
These functions are enabled as follows:
• IN_FLTR_EN. Enables the input filter function of the
associated GPIO.
• EVNTCNT_EN. Enables the event counter function of
the associated GPIO.
• IN_POSEDGE_EN and IN_NEGEDGE_EN. Enables
the edge detection function and mode.
The final input value may be read back by a software
accessible register (GPIO[x]_READ_BACK). It may also be
used as an Interrupt or a Power Management Event.
There are a total of eight Digital Filter/Event Counter pairs
that are shared by 28 GPIOs. There is a selection function
to associate a given Filter/Counter pair with a given GPIO.
All GPIOs incorporate edge detection.
4.15.5.1 Input Filter Conditioning Function
The digital filter is one-half of a Filter/Event conditioning cir-
cuit. (The other half is the Event Counter.) The filter is used
to produce a stable output from an unstable input. Mechan-
ical switch de-bounce is a typical use.
To use one of the eight digital filters, it must first be
assigned to one of the GPIO inputs using one of the
GPIO_FE[x]_SEL registers (GPIO I/O Offsets F0h-F7h);
where “x” is the number of the Filter/Event pair, 0 to 7.
Then the filter function must be enabled through either the
GPIOL_IN_FLTR_EN (GPIO I/O Offset 28h) or the
GPIOH_IN_FLTR_EN (GPIO I/O Offset A8h) registers,
depending on whether the selected GPIO is in the high
[28:16] or low [15:0] bank. Finally, a GPIO_FLTR[x]_AMNT
(GPIO I/O Offsets 50h, 58h, 60h, 68h, 70h, 78h, D0h, and
D8h) must be determined and then programmed to estab-
lish the filter’s stability period.
The associated GPIO input must ultimately remain stable
for a
FLTR_AMNT number of 32 kHz clock edges in order
for the output to change. A
FLTR_AMNT of 0 effectively
disables the filtering function, because the counter will not
roll over from 0 to all 1s. The maximum
FLTR_AMNT is
FFFFh.
The digital filter is based upon a 16-bit programmable
down-counter. An initial count is loaded into the counter via
the GPIO_FLTR[x]_AMNT register. When the associated
GPIO input changes, the counter begins counting down
from FLTR_AMNT towards 0. If the associated GPIO input
remains stable for the length of the count-down period,
then the counter reaches 0 and produces an output pulse
to whatever the GPIO is internally connected to. If the
associated GPIO input changes during the count-down
period, then the counter reloads the initial count from the
GPIO_FLTR[x]_AMNT register and begins counting down
towards 0 again.
Direct access to the counter’s state is provided by the R/W
register GPIO_FLTR[x]_CNT, that may be read at any time
to determine the current value of the counter. The
GPIO_FLTR[x]_CNT register may also be written to at any
time, thereby jamming the counter state forward or back-
ward from the current count.
Reads and writes of the GPIO_FLTR[x]_CNT register are
internally synchronized to avoid false read values and cor-
rupted writes, that is, reads and writes may occur to a filter
circuit without concern of the phasing or timing of the 32
kHz clock edges. When GPIO[x]_IN_FLTR_EN is low the
filter circuit is not clocked.
The filter circuit is used to produce a stable output from an
unstable input. Mechanical switch de-bounce is a typical
use. The default value for all flip-flops, the Down Counter,
and the Filter Amount Register is zero. Software estab-
lishes the filter amount. As long as the preliminary input on
the left matches the filtered input on the right, the circuit is
stable and the counter continuously loads the filter amount
value. When the preliminary input changes, the counter
begins to count. If the input remains steady, then the
counter reaches zero and enables loading the value flip-
flop. This brings the circuit back to the stable point. If the
input does not remain steady, then the counter reloads.
The preliminary input on the left must remain steady the
“filter amount” number of clock edges for the final input on
the right to change. A filter amount of zero effectively dis-
ables the filtering function because the Down Counter will
not roll over backwards to all ones. The maximum filter
amount is FFFFh
4.15.5.2 Input Event Counter Conditioning Function
The event counter is one half of a filter/event conditioning
circuit, and is in series with its associated filter. (The other
half is the digital filter.) It counts events and can produce an
output when a predefined count is reached. The event
counter may be down-counted by writing to a particular
address. It may be used as a rate counter that may be peri-
odically read, and that produces no output at all.
To use one of the eight event counters, it must first be
assigned to one of the GPIO inputs using one of the
GPIO_FE[x]_SEL registers (where X is the number of the
Filter/Event pair, 0 to 7). Then the associated digital filter
must be enabled, through either the GPIOL_IN_FLTR_EN
or GPIOH_IN_FLTR_EN registers, depending on whether
the selected GPIO is in the high [28:16] or low [15:0] bank.
If digital filtering is not required, program the associated
GPIO_FLTR[x]_AMNT registers to 0000h. Finally, the
desired
“compare
value”
(GPIO_EVNTCNT[x]
_COMPARE) must be determined and then programmed to
establish the number of events that will produce an output
when that count has been reached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com