Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 149 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 149 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 145Page - National Semiconductor (TI) CS5535 Datasheet HTML 146Page - National Semiconductor (TI) CS5535 Datasheet HTML 147Page - National Semiconductor (TI) CS5535 Datasheet HTML 148Page - National Semiconductor (TI) CS5535 Datasheet HTML 149Page - National Semiconductor (TI) CS5535 Datasheet HTML 150Page - National Semiconductor (TI) CS5535 Datasheet HTML 151Page - National Semiconductor (TI) CS5535 Datasheet HTML 152Page - National Semiconductor (TI) CS5535 Datasheet HTML 153Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 555 page
background image
Revision 0.8
149
www.national.com
GPIO Subsystem Functional Description (Continued)
4.15.4 GPIO Basic I/O Configuration
The General Purpose Input and Output (GPIO) Interface is
illustrated in Figure 4-49. The figure represents one of
twenty-eight GPIOs potentially available. Note the GPIOs
[31:29] and [23] are non-existent. Table 2-8 "GPIO
Options" on page 42 provides a complete list of features for
each GPIO and should be consulted when configuring a
system.
Each GPIO has basic configuration options used to set up
the characteristics of the GPIO for either input or output.
Each of the functions in the list below follows the GPIO reg-
ister strategy outlined inSection 4.15.2 "Register Strategy"
on page 148 unless otherwise noted. This strategy allows
individual GPIOs to be modified without accidentally
changing the characteristics of unrelated GPIOs, and with-
out requiring ‘read-modify-write’ cycles. All values are
active high.
• OUT_EN. When high, enables this GPIO for output. A
pad may be configured for output, input, or both.
• IN_EN. Enables this GPIO for input. A pad may be
configured for input, output, or both.
• OUT_VAL. This will establish the value driven to the pad
when it is selected as an Output, unless either
OUT_AUX1 or OUT_AUX2 are selected. The value
driven to the GPIO pad is subject to an optional inver-
sion.
• OUT_INVRT_EN. When high, inverts the Output Value.
• IN_INVRT_EN. Inverts the signal applied to the ball, and
presents the inverted value to all follow-up circuitry (i.e.,
input conditioning functions).
• OUT_OD_EN. Configures this GPIO for open-drain
operation. When the output pad is to be driven low, the
pad is driven low. When the output pad is to be driven
high, the pad is allowed to float and is not driven.
• OUT_AUX1_SEL and OUT_AUX2_SEL. Selects an
internal auxiliary source for the Output Value. Table 2-8
"GPIO Options" on page 42 identifies all the possible
internal connections for these two auxiliary sources.
• IN_AUX1_SEL. Selects an internal source as an input
instead of the ball. Table 2-8 "GPIO Options" on page 42
lists all the functions that may be connected in this
manner.
• PU_EN. Applies a weak pull-up to the pad. The effect of
this control is independent of all other settings except
PD_EN. If PU_EN is set by software, PD_EN is auto-
matically cleared.
• PD_EN. Applies a weak pull-down to the pad. The effect
of this control is independent of all other settings except
PU_EN. If PD_EN is set by software, PU_EN is auto-
matically cleared.
Figure 4-49. GPIO Configuration
Event
Counter
Digital
Filter
Ball
Pull-Down
Enable
Open-Drain
Enable
Output
Enable
Output Invert
Enable
Read
Status
[7:0]
[7:0]
Input
Invert
Input
Enable
Pull-Up
Enable
Positive
Edge
Enable
Event
Count
Event Count
Enable
Filter
Amount
Filter
Enable
Input Conditioning Functions
(1 of 8)
AUX1
AUX2
Negative Edge
Enable
PME
Interrupts
Event Enable
X,Y,Z,W Interrupt Mapping Registers
X,Y,Z,W PME Mapping Registers
Output
Value
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com