Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 146 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 146 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 142Page - National Semiconductor (TI) CS5535 Datasheet HTML 143Page - National Semiconductor (TI) CS5535 Datasheet HTML 144Page - National Semiconductor (TI) CS5535 Datasheet HTML 145Page - National Semiconductor (TI) CS5535 Datasheet HTML 146Page - National Semiconductor (TI) CS5535 Datasheet HTML 147Page - National Semiconductor (TI) CS5535 Datasheet HTML 148Page - National Semiconductor (TI) CS5535 Datasheet HTML 149Page - National Semiconductor (TI) CS5535 Datasheet HTML 150Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 555 page
background image
www.national.com
146
Revision 0.8
4.15 GENERAL PURPOSE INPUT/OUTPUT
Proper use and understanding of the General Purpose
Input/Output (GPIO) subsystem is the key to applying the
CS5535 in a custom system design. By totalizing the
optional features of the CS5535 GPIOs, system functions
such as soft buttons, DDC monitoring, timers, system inter-
rupts, and others, may be implemented. The system
designer should pay careful attention to the suite of fea-
tures available through the GPIO subsystem and, because
the GPIOs are multiplexed with other on-chip functions,
must make careful trade-offs to obtain the features desired
in the system.
The register space for control of the GPIO subsystem con-
tains space for control of 32 GPIOs. Since only 28 GPIOs
are
realized,
the
control
bits
for
the
non-existent
GPIO[31:29], and GPIO[23] are marked “Reserved”.
GPIO[22:16] are multiplexed with the LPC bus; therefore, if
the system requires an LPC bus, GPIO[22:16] are not
available as GPIOs. Likewise, GPIO[15:14] are multiplexed
with the SMB (System Management Bus); if the system
requires the SMB, GPIO[15:14] will be dedicated to this
function and not available as GPIOs. Other GPIOs are mul-
tiplexed with individual functions as indicated in Table 2-8
"GPIO Options" on page 42.
Features
• Input Features:
— Each of the available GPIOs may be configured as
an input. A block of eight Input Conditioning Func-
tions, providing edge detection, event counting, and
input filtering, may be configured for use by any eight
of the 28 GPIOs, though all 28 may have edge detec-
tion. The optionally-conditioned input may then be
fed to steering logic that can connect it to an inter-
rupt, or power-management input event (PME).
• Output Features:
— Each of the available 28 GPIOs has a configurable
output cell. The output cell for each GPIO may be
independently configured to provide a variety of inter-
face options. The cell may be enabled or disabled,
configured as a totem-pole or open-drain type, have
internal pull-up or pull-down resistors applied, or be
inverted.
— As indicated in Table 2-8 "GPIO Options" on page 42,
the GPIOs have differing output driver types and
reset defaults. When choosing a GPIO for a given
function, choose one with a compatible output driver
type, and one that the use of, does not make another
desired function inaccessible. Careful study of this
table will assist the system designer in making proper
selections of the desired functionality of the suite of
GPIOs.
• Auxiliary Functions
— Most of the 28 GPIOs have additional hard-wired
internally-connected functions that may be selected
by choosing either the AUX_1 or AUX_2 outputs. Use
of these allows internal functions to be accessed at
the device pins. Table 2-8 "GPIO Options" on page
42 identifies these auxiliary functions, including
access to the UARTS and multi-function timers, as
well as certain power-management controls.
• Output Mapping:
— After passing through the optional input conditioning
circuits, any GPIO may be mapped (connected) to
one of eight PIC-level interrupts, or to one of eight
Power Management Event (PME) inputs. A given
GPIO may not be simultaneously mapped to both an
interrupt and a PME. The PIC subsystem interrupt
inputs may be configured to cause the generation of
an ASMI-type interrupt from any or all of the mapped
GPIO signals.
• Power Domains:
— The GPIO circuits are distributed into the Working
and Standby power domains. Those circuits in the
Standby power domain may be used for system
wakeup events, since they remain powered when the
Working power is removed. As indicated in Table 2-8
"GPIO Options" on page 42, GPIO[28:24] are located
in the Standby power domain; all others are in the
Working power domain. Event/Filter pairs 6 and 7
are located in the Standby domain; pairs [5:0] are in
the Working power domain.
• Auto-Sense:
— GPIO5 and GPIO6 have a feature called Auto-sense.
When reset is applied to the system, a weak internal
pull-up is applied to the pad. When reset is de-
asserted, the auto-sense value is used to establish
the pull-up/down state on the de-assertion edge. If
nothing pulls down the pad, then the weak pull-up
continues to be applied. If the pad is pulled down,
then pull-up is set to “no” and pull-down is set to
“yes”. The output driver does not actively drive the
pad, that is, it remains in TRI-STATE mode. If an
auto-sensed pull-down is desired, a diode between
the reset signal and the GPIO pin will pull it down
during the Auto-Sense operation but will have no
effect during normal operation.
• Recommended Functions:
— System designers at National Semiconductor have
created a list of recommended uses for selected
GPIOs, see Table 2-8 "GPIO Options" on page 42.
The desired functions were matched up with GPIOs
by selecting appropriate buffer types and multiplexing
options to create an optimal list of recommended
uses for the GPIOs. Designers may use these
recommended functions as a starting point and make
modifications to the list as needed to fit the particu-
lars of their system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com