Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 143 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 143 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 139Page - National Semiconductor (TI) CS5535 Datasheet HTML 140Page - National Semiconductor (TI) CS5535 Datasheet HTML 141Page - National Semiconductor (TI) CS5535 Datasheet HTML 142Page - National Semiconductor (TI) CS5535 Datasheet HTML 143Page - National Semiconductor (TI) CS5535 Datasheet HTML 144Page - National Semiconductor (TI) CS5535 Datasheet HTML 145Page - National Semiconductor (TI) CS5535 Datasheet HTML 146Page - National Semiconductor (TI) CS5535 Datasheet HTML 147Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 555 page
background image
Revision 0.8
143
www.national.com
LPC Port Functional Description (Continued)
Table 4-28. FWH Write Cycle
Signal
Clock
Cycle
LAD[3:0]
Peripheral
I/O
Description
START
1
1110b
I
On the rising edge of CLK with LFRAME# Low, the contents of
LAD[3:0] indicate the start of an FWH cycle.
IDSEL
1
0000
I
Indicates which FWH peripheral is selected. The value on the
LAD[3:0] is compared to the IDSEL strapping on the FWH device
pins to select which device is being addressed.
Note: From Intel(R) 82802 spec - the boot device must have an ID
(determined by ID strapping Pins ID[3:0]) of 0. It is advisable that
subsequent devices use incremental numbering.
ADDR
7
xxxx
I
A 28-bit address phase is transferred starting with the most signifi-
cant nibble first.
MSIZE
1
0000b
I
Always 0000b (single byte transfer).
DATA
2
xxxx
I
Data transfer is two cycles, starting with least significant nibble.
TAR
1
1111b
I
The LPC host drives LAD[3:0] to 1111b to indicate a turnaround
cycle.
TAR
1
1111b
(float)
O
The FWH device takes control of LAD[3:0] during this cycle.
SYNC
1
0000b
O
The FWH device drives LAD[3:0] to 0000b to indicate it has
received data or a command.
TAR
1
1111b
O
The FWH device drives LAD[3:0] to 1111b, indicating a turnaround
cycle.
TAR
1
1111b
(float)
N/A
The FWH device floats its output and the LPC host takes control of
LAD[3:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com