Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 144 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 144 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 140Page - National Semiconductor (TI) CS5535 Datasheet HTML 141Page - National Semiconductor (TI) CS5535 Datasheet HTML 142Page - National Semiconductor (TI) CS5535 Datasheet HTML 143Page - National Semiconductor (TI) CS5535 Datasheet HTML 144Page - National Semiconductor (TI) CS5535 Datasheet HTML 145Page - National Semiconductor (TI) CS5535 Datasheet HTML 146Page - National Semiconductor (TI) CS5535 Datasheet HTML 147Page - National Semiconductor (TI) CS5535 Datasheet HTML 148Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 555 page
background image
www.national.com
144
Revision 0.8
4.14 REAL-TIME CLOCK FEATURES
The Real-Time Clock (RTC) consists of three main blocks:
the digital section, the analog section, and the level-shifter
block (see Figure 4-47). The digital section contains the
bus interface, RAM, voltage control, time generator, and
the time keeper. The analog section contains the voltage
switch and low power crystal oscillator. Finally, the level
shifter block provides the appropriate voltage level transla-
tion of signals to and from the RTC block. Level shifters are
needed because the RTC is powered by the VPP (output of
the analog section), which is different from the VCORE and
VCORE_VSB power domains.
Features
• Accurate timekeeping and calendar management
• Alarm at a predetermined time and/or date
• Three programmable interrupt sources
• Valid timekeeping during power-down, by utilizing
external battery backup
• 242 bytes of battery-backed RAM
• RAM lock schemes to protect its content
• Internal oscillator circuit (the crystal itself is off-chip), or
external clock supply for the 32.768 kHz clock
• A century counter
• Additional low-power features such as:
— Automatic switching from battery to VSB
— Internal power monitoring on the VRT bit
— Oscillator disabling to save battery during storage
• Software compatible with the DS1287 and MC146818
Figure 4-47. RTC Block Diagram
rtc_seconds
rtc_minutes
rtc_hours
rtc_monthday
rtc_months
rtc_years
Time Keeper
Index_Reg
Ctrl_Reg A, B, C, D
RAM I/F
Gated Clocks
Bus Interface
q
q
q
Time Generator
Update
242x8 Bit RAM
Voltage Control
Voltage Switch
Low Power Osc.
32 kHz Clock
VPP
VIO_VSB
VBAT
KHZ32_XCI
Write
Index
Read
Local Bus
Data & Ctrls
#0
#1
#14
KHZ32_XCO
Level Shifter
rtc_weekday
Data
Data
Clock
Voltage
Sense
Voltage
Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com