Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 145 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 145 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 141Page - National Semiconductor (TI) CS5535 Datasheet HTML 142Page - National Semiconductor (TI) CS5535 Datasheet HTML 143Page - National Semiconductor (TI) CS5535 Datasheet HTML 144Page - National Semiconductor (TI) CS5535 Datasheet HTML 145Page - National Semiconductor (TI) CS5535 Datasheet HTML 146Page - National Semiconductor (TI) CS5535 Datasheet HTML 147Page - National Semiconductor (TI) CS5535 Datasheet HTML 148Page - National Semiconductor (TI) CS5535 Datasheet HTML 149Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 555 page
background image
Revision 0.8
145
www.national.com
RTC Functional Description (Continued)
4.14.1 External Use Recommendations
It is recommended that the external components for the
oscillator be connected as illustrated in Figure 4-48. The
recommended specifications for those external compo-
nents are listed in Table 4-29.
Capacitors C1 and C2 should be chosen to match the crys-
tal’s load capacitance. The load capacitance CL “seen” by
the crystal Y is comprised of C1 in series with C2 in parallel
with the parasitic capacitance of the circuit. The parasitic
capacitance is caused by the chip package, board layout,
and socket (if any). The rule of thumb in choosing these
capacitors is:
CL = (C1 * C2)/(C1 + C2) + CPARASITIC
C1 can be trimmed to achieve precisely 32.768 kHz. To
achieve high time accuracy, use crystal and capacitors with
low tolerance and temperature coefficients.
Figure 4-48. Recommended External Component
Connections
To other modules
R1
Y
C1
C2
Internal
External
KHZ32_XCI
KHZ32_XCO
Table 4-29. External Component Recommended Specifications
Component
Parameters
Values
Tolerance
Crystal
Resonance
32.768 kHz Parallel Mode
User-defined
Type
N-Cut or XY-bar
Serial Resistance
40 k
Ω
Max
Q Factor
35000
Min
Shunt Capacitance
2 pF
Max
Load Capacitance, CL
9-13 pF
Temperature Coefficient
User-defined
Resistor, R1
Resistor
20 M
Ω (Note 1)
5%
Capacitor, C1
Capacitor
22 pF
5%
Capacitor, C2
Capacitor
22 pF
5%
Note 1. A single 20 M
Ω resistor may be difficult to acquire. Substituting two 10 MΩ resistors in series is acceptable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com