Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 141 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 141 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 137Page - National Semiconductor (TI) CS5535 Datasheet HTML 138Page - National Semiconductor (TI) CS5535 Datasheet HTML 139Page - National Semiconductor (TI) CS5535 Datasheet HTML 140Page - National Semiconductor (TI) CS5535 Datasheet HTML 141Page - National Semiconductor (TI) CS5535 Datasheet HTML 142Page - National Semiconductor (TI) CS5535 Datasheet HTML 143Page - National Semiconductor (TI) CS5535 Datasheet HTML 144Page - National Semiconductor (TI) CS5535 Datasheet HTML 145Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 555 page
background image
Revision 0.8
141
www.national.com
LPC Port Functional Description (Continued)
4.13.4 Firmware Hub Interface
The Firmware Hub (FWH) relies on the Intel Firmware Hub
interface to communicate with the outside world. This inter-
face consists of four bidirectional signals and one “control”
input. The timing and the electrical parameters of the FWH
interface are similar to those of the LPC interface. The Intel
FWH interface is designed to use an LPC-compatible Start
cycle, with a reserved cycle type code. This ensures that all
LPC devices present on the shared interface will ignore
cycles destined for the FWH, without becoming “confused”
by the different protocols.
When the FWH interface is active, information is trans-
ferred to and from the FWH by a series of “fields” where
each field contains four bits of data. Many fields are one
clock cycle in length but can be of variable length, depend-
ing upon the nature of the field. Field sequences and con-
tents are strictly defined for read and write operations.
4.13.4.1 FWH Cycles
A cycle is started on the rising edge of LCLK when
LFRAME# is asserted and a valid cycle type is driven on
LAD[3:0] by the host. Valid cycle types for the FWH are
1101b (read) and 1110b (write).
FWH Read Cycles: A read cycle is initiated by asserting
1101b on LAD[3:0] with LFRAME# low. All data transfers
are valid on the rising edge of the LCLK. The cycle is illus-
trated in Figure 4-45 and described in Table 4-27.
FWH Write Cycles: A write cycle is initiated by asserting
1110b on LAD[3:0] with LFRAME# low. All data transfers
are valid on the rising edge of the LCLK. The cycle is illus-
trated in Figure 4-46 and described in Table 4-28.
Abort Operation: LFRAME# (FWH4) active (low) indi-
cates either that a Start cycle will eventually occur or that
an abort is in progress. In either case, if LFRAME# (FWH4)
is asserted, the Intel FWH will “immediately” TRI-STATE its
outputs and the FWH state machine will reset.
During a write cycle, there is a possibility that an internal
Flash write or erase operation is in progress (or has just
been initiated). If LFRAME# (FWH4) is asserted during this
frame, the internal operation will not abort. The software
must send an explicit Flash command to terminate or Sus-
pend the operation.
The internal FWH state machine will not initiate a Flash
write or erase operation until it has received the last data
nibble from the chip set. This means that LFRAME (FWH4)
can be asserted as late as this cycle (“cycle 12") and no
internal Flash operation will be attempted. However, since
the Intel FWH will start “processing” incoming data before it
generates its SYNC field, it should be considered a non-
buffered peripheral device.
Figure 4-45. FWH Read Cycle
LCLK
LFRAME
LAD[3:0]
(FWH3-FWH0)
Number of Clock Cycles
START
IDSEL
ADDR
MSIZE
TAR
SYNC
DATA
TAR
17
2
3
11
2
2
(FWH4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com