Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 138 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 138 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 134Page - National Semiconductor (TI) CS5535 Datasheet HTML 135Page - National Semiconductor (TI) CS5535 Datasheet HTML 136Page - National Semiconductor (TI) CS5535 Datasheet HTML 137Page - National Semiconductor (TI) CS5535 Datasheet HTML 138Page - National Semiconductor (TI) CS5535 Datasheet HTML 139Page - National Semiconductor (TI) CS5535 Datasheet HTML 140Page - National Semiconductor (TI) CS5535 Datasheet HTML 141Page - National Semiconductor (TI) CS5535 Datasheet HTML 142Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 555 page
background image
www.national.com
138
Revision 0.8
LPC Port Functional Description (Continued)
4.13.2.1 Host Initiated Cycles
Memory Cycles: Memory read or write cycles are
intended for memory-mapped devices. The ADDR field is a
full 32 bits, and transmitted with most significant nibble first.
Typically a memory device supports much less addressing
and ignores address bits above which it is capable of
decoding.
I/O Cycles: I/O read or write cycles are intended for
peripherals. These cycles are generally used for register or
FIFO accesses and have minimal Sync times. Data trans-
fers are assumed to be exactly 1 byte. The host is respon-
sible for breaking up larger data transfers into 8-bit cycles.
The minimum number of wait states between bytes is 1.
The host initiated cycles are shown in Table 4-24.
4.13.2.2 DMA Initiated Cycles
DMA on LPC is handled through the LDRQ# line from
peripherals and special encoding on LAD[3:0] for the host.
Single, demand, verify, and increment mode are supported
on the LPC interface. Block, decrement, and cascade are
not supported. Channels 0 through 3 are 8-bit channels.
Only 8-bit channels are supported.
Asserting DMA Requests: Peripherals need the DMA
service to encode their request channel number on the
LDRQ# signal. LDRQ# is synchronous with LCLK. Periph-
erals start the sequence by asserting LDRQ# low. The next
3 bits contain the encoded DMA channel number with the
MSB first. And the next bit (ACT) indicates whether the
requested channel is active or not. The case where the
ACT is low (inactive) will be rare, and is only used to indi-
cate that a previous request for that channel is being aban-
doned. After indication, LDRQ# should go high for at least
one clock. After that one clock LDRQ# can be brought low
for next encoding sequence (see Figure 4-41.)
DMA Transfer: Arbitration for DMA channels is performed
through the 8237 within the host. Once the host won the
arbitration, it asserts LFRAME# on the LPC bus. The host
starts a transfer by asserting 0000b on LAD[3:0] with
LFRAME# asserted. The host’s assert “cycle type” and
direction is based on the DMA transfer. In the next cycle it
asserts channel number and in the following cycle it indi-
cates the size of the transfer.
DMA Reads: The host drives 8 bits of data and turns the
bus around, then the peripheral acknowledges the data
with a valid SYNC.
DMA Writes: The host turns the bus around and waits for
data, then the peripheral indicates data is ready through
valid SYNC and transfer of the data.
The DMA initiated cycles are shown in Table 4-25.
Figure 4-41. DMA Cycle Timing Diagram
Table 4-24. Host Initiated Cycles
Memory or I/O
Driven By
Read Cycle
Write Cycle
START
Host
Host
CYCTYP + DIR
Host
Host
ADDR
Host
Host
TAR
Host
Host
SYNC
Peripheral
Peripheral
DATA
Peripheral
Host
TAR
Peripheral
Peripheral
Table 4-25. DMA Initiated Cycles
DMA
Driven By
Read Cycle
(Host to
Peripheral)
Write Cycle
(Peripheral to
Host)
START
Host
Host
CYCTYP
Host
Host
CHANNEL
Host
Host
SIZE
Host
Host
DATA
Host
Host
TAR
Host
Peripheral
SYNC
Peripheral
Peripheral
TAR
Peripheral
Peripheral
START
MSB
LSB
ACT
START
LCLK
LDRQ#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com