Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 139 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 139 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 135Page - National Semiconductor (TI) CS5535 Datasheet HTML 136Page - National Semiconductor (TI) CS5535 Datasheet HTML 137Page - National Semiconductor (TI) CS5535 Datasheet HTML 138Page - National Semiconductor (TI) CS5535 Datasheet HTML 139Page - National Semiconductor (TI) CS5535 Datasheet HTML 140Page - National Semiconductor (TI) CS5535 Datasheet HTML 141Page - National Semiconductor (TI) CS5535 Datasheet HTML 142Page - National Semiconductor (TI) CS5535 Datasheet HTML 143Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 555 page
background image
Revision 0.8
139
www.national.com
LPC Port Functional Description (Continued)
4.13.3 Serial IRQ
The LPC supports a serial IRQ scheme. This allows a sin-
gle signal to be used to report ISA-style interrupt requests.
Because more than one device may need to share the sin-
gle serial IRQ signal, an Open Collector signaling scheme
is used.
Serial interrupt information is transferred using three types
of frames: a Start frame, one or more IRQ Data frames,
and one Stop frame (see Figure Figure 4-42, Figure 4-43,
and Figure 4-44 on page 140). There are also two modes
of operation. Quiet mode, initiated by the peripheral, and
Continuous mode, initiated by the host:
1)
Quiet (Active) Mode: To indicate an interrupt, the
peripheral brings the SERIRQ signal active for one
clock, and then places the signal in TRI-STATE mode.
This brings all the state machines from the Idle state to
the Active state.
The host then takes control of the SERIRQ signal by
driving it low on the next clock, and continues driving it
low for 3-7 clocks more (programmable). Thus, the
total number of clocks low will be 4-8. After those
clocks, the host drives SERIRQ high for one clock and
then places SERIRQ into the TRI-STATE mode.
2)
Continuous (Idle) Mode: In this mode, the host ini-
tiates the Start frame, rather than the peripherals. Typ-
ically,
this
is
done
to
update
IRQ
status
(acknowledges). The host drives SERIRQ low for 4-8
clocks. This is the default mode after reset; it can be
used to enter the Quiet Mode.
Data Frame
Once the Start frame has been initiated, all of the serial
interrupt peripherals must start counting frames based on
the rising edge of the SERIRQ. Each of the IRQ/DATA
frames has exactly three phases of one clock each: a Sam-
ple phase, a Recovery phase, and a Turn Around phase.
During the sample phase, the device drives SERIRQ low if
the corresponding interrupt signals should be active. If the
corresponding interrupt is inactive, then the devices should
not drive the SERIRQ signal. It will remain high due to pull-
up registers. During the other two phases (Turn Around
and Recovery), no device should drive the SERIRQ signal.
The IRQ/DATA frames have a specific order and usage as
shown in Table 4-26.
Stop Frame
After all of the Data frames, a Stop frame is performed by
the host. This is accomplished by driving SERIRQ low for
two to three clocks. The number of clocks determines the
next mode:
• If the SERIRQ is low for two clocks, the next mode is the
Quiet mode. Any device may initiate a Start frame in the
second clock (or more) after the rising edge of the Stop
frame.
• If SERIRQ is low for three clocks, the next cycle is the
Continuous mode. Only the host may initiate a Start
frame in the second clock (or more) after the rising edge
of the Stop frame.
Table 4-26. IRQ Data Frames
Date Frame Number
Usage
0IRQ0
1IRQ1
2
SMI# (Not Supported)
3IRQ3
4IRQ4
5IRQ5
6IRQ6
7IRQ7
8IRQ8
9IRQ9
10
IRQ10
11
IRQ11
12
IRQ12
13
IRQ13
14
IRQ14
15
IRQ15
16
IOCHK#
17
INTA#
18
INTB#
19
INTC#
20
INTD#
31-21
Unassigned



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com