Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 137 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 137 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 133Page - National Semiconductor (TI) CS5535 Datasheet HTML 134Page - National Semiconductor (TI) CS5535 Datasheet HTML 135Page - National Semiconductor (TI) CS5535 Datasheet HTML 136Page - National Semiconductor (TI) CS5535 Datasheet HTML 137Page - National Semiconductor (TI) CS5535 Datasheet HTML 138Page - National Semiconductor (TI) CS5535 Datasheet HTML 139Page - National Semiconductor (TI) CS5535 Datasheet HTML 140Page - National Semiconductor (TI) CS5535 Datasheet HTML 141Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 555 page
background image
Revision 0.8
137
www.national.com
LPC Port Functional Description (Continued)
4.13.2 Cycle Protocol
Start of Cycle (see Figure 4-39): The host asserts
LFRAME# for one or more clocks and drives a START
value on LAD[3:0], all peripherals stop driving the LAD[3:0]
signals even if in the middle of a transfer. The peripheral
must always use the last START value when LFRAME#
was active. On the clock after the START value, the host
de-asserts LFRAME#.
Abort Mechanism (see Figure 4-40): The host can cause
an abort on the LPC interface by driving LFRAME# active
with a START value of 1111b. The host must keep
LFRAME# active for at least four consecutive clocks and
drive LAD[3:0] to 1111b no later than the fourth clock after
LFRAME# goes active. The host must drive LFRAME#
inactive for at least one clock after an abort.
An abort typically occurs on SYNC timeouts.
Figure 4-39. Start of Cycle Timing Diagram
Figure 4-40. Abort Mechanism Timing Diagram
SYNC
1-N
Sync: Allows peripheral or host to synchronize (add wait-states). Generally, the peripheral or
host drives 0101 or 0110 until no more wait-states are needed. At that point it will drive 0000. All
other combinations are reserved.
0000
Sync achieved with no error.
DMA.
Sync achieved with no error. Also indicates no more transfer desired for that chan-
nel, and DMA request is de-asserted.
0101
Indicates that Sync not achieved yet, but the part is driving the bus.
DMA. Part indicating wait states.
0110
Indicates that Sync not achieved yet, but the part is driving the bus, and expect long
Sync.
DMA. Part indicating wait states, and many wait states will be added.
1010
Special case. Peripheral indicating errors, see sync section in protocol overview.
DMA. Sync achieved with error. Also indicates no more transfers desired for that chan-
nel, and DMA request is de-asserted.
1001
DMA (only). Sync achieved with no error and more DMA transfer desired to continue
after this transfer.
Table 4-23. Cycle Field Definitions: Target Memory, I/O, and DMA (Continued)
Field
# Clocks
Comment
START CYCTYP
LCLK
LAD[3:0]#
LFRAME#
ADDR
TAR
SYNC
DATA
START
TAR
1
1 - 8
2
1 - n
2
2
1
1
START CYCTYP
LCLK
LAD[3:0]#
LFRAME#
ADDR
TAR
SYNC
11 - 8
2
1
Too many
Syncs causes
Timeout
Peripheral must
Stop driving
Chip set will
drive high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com