Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 155 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 155 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 151Page - National Semiconductor (TI) CS5535 Datasheet HTML 152Page - National Semiconductor (TI) CS5535 Datasheet HTML 153Page - National Semiconductor (TI) CS5535 Datasheet HTML 154Page - National Semiconductor (TI) CS5535 Datasheet HTML 155Page - National Semiconductor (TI) CS5535 Datasheet HTML 156Page - National Semiconductor (TI) CS5535 Datasheet HTML 157Page - National Semiconductor (TI) CS5535 Datasheet HTML 158Page - National Semiconductor (TI) CS5535 Datasheet HTML 159Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 555 page
background image
Revision 0.8
155
www.national.com
MFGPT Functional Description (Continued)
Compare Status/Event Bits
The Setup register also contains two status bits: one from
Compare 1 and one from Compare 2. If Event mode is
selected, then these two status bits represent the events
from the two Compare circuits, and writing a 1 to one of the
bits would clear that particular event. If Event mode is not
selected, then the status bits read back the compare out-
puts, and writing to those bits has no effect. Note that since
this logic is in the Working power domain, MFGPT6 and
MFGPT7 would lose these events when VCORE is powered
off. In order for events to be captured again, the chip has to
have VCORE powered up out of Standby mode and then
come out of reset.
The Compare 1 and Compare 2 outputs may change
simultaneously on the same MFGPT clock edge. However,
when checking the outputs through the two status bits after
this occurred, on rare occasions the read may find only one
of the two outputs changed to the new value. This could
occur when the two outputs change at about the same time
they are synchronized, by separate synchronizers to the
local bus clock domain, and one synchronizer captured the
new value in time while the other one does not. A subse-
quent read can show that both outputs did change states.
4.16.2.3 Register Initialization Sequence for Event
Mode
If the Setup register is written before the other three I/O
registers, and if Event mode is selected for Compare 1
mode or Compare 2 mode, then events will be triggered
immediately. This is because the compare outputs will look
for a Compare register value greater than or equal to the
counter, and the result will be true as those registers are all
0. To avoid triggering these events on Setup register initial-
ization, first initialize the Compare 1 Value and Compare 2
Value registers before initializing the Setup register.
4.16.2.4 Register Data Transfer to/from MFGPT
Only WORD writes and DWORD writes are accepted for
I/O register accesses; BYTE writes to I/O registers are
ignored. The DWORD write would cause the two I/O regis-
ters located within the DWORD boundaries to be written in
parallel. If Up Counter, Compare 1 Value, or Compare 2
Value registers are written while the MFGPT is running, it
could cause the compare outputs to change in the middle
of a prescaler period (i.e., not at a clock cycle where the
prescaler signals a counter increment). For MFGPT0 to
MFGPT5, the clock switch circuitry disables all clocks to
MFGPT until the Setup register has been written. There-
fore, even if the Up Counter, Compare 1 Value, and/or
Compare 2 Value registers are written before the Setup
register; these register values would get transferred to the
timer at the same time as the Setup register values.
All reads and writes to MFGPT registers can be done by
software at any time and are completed without requiring
any additional software operation and without affecting the
proper operation of the MFGPT as long as a clock to the
MFGPT has been selected by writing to the Setup register.
On a write, the write transfer on the bus is considered com-
plete when the write to the register in the I/O register sub-
module is complete. This occurs before the register data is
transferred to the timer. However, a subsequent read or
write to the same register will be held up until that first write
transfer to the timer is complete.
The Setup register, except for bits 13 and 14, are handled
in the same way as the Compare 1 Value and Compare 2
Value registers. Bits 13 and 14 write and read were dis-
cussed earlier, where the entire logic is in the Working
power domain.
4.16.2.5 Register Re-initialization
If it is necessary to re-initialize the Up Counter, Compare 1
Value, or Compare 2 Value, the following sequence should
be followed to prevent any spurious reset, interrupt, or out-
put pulses from being created:
1)
Clear Counter Enable bit to 0.
2)
Clear Interrupt Enable, NMI Enable, and Reset Enable
bits in MSRs; disable GPIO inputs and outputs.
3)
Update Up Counter, Compare 1 Value, and Compare
2 Value registers as desired.
4)
When updates are completed, clear any event bits that
are set.
5)
Set up Interrupt Enable, NMI Enable, and Reset
Enable bits in MSRs; enable desired GPIO inputs and
outputs.
6)
Set Counter Enable bit to 1.
4.16.3 Clock Switch
The clock switch output is disabled at reset and selection
can only be done one time after reset, at the first write to
Setup register.
Restriction on Register Read/Write Sequence Due to
Clock Switch
Note that because the timer clock is stopped until the first
write to the Setup register, a write to one of the other three
I/O registers during this time could not complete its transfer
to the timer. As a result, a second access, read or write, to
the same register will cause the bus interface to hang, as
the second access waits for the first access (the initial
write) to complete before completing its own operation. But
since the first access cannot complete without a clock, the
second access is in limbo. This means no more accesses
can occur, so there is no way to write to the Setup register
to enable the timer clock. Care should be taken to see that
this situation does not occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com