Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 156 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 156 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 152Page - National Semiconductor (TI) CS5535 Datasheet HTML 153Page - National Semiconductor (TI) CS5535 Datasheet HTML 154Page - National Semiconductor (TI) CS5535 Datasheet HTML 155Page - National Semiconductor (TI) CS5535 Datasheet HTML 156Page - National Semiconductor (TI) CS5535 Datasheet HTML 157Page - National Semiconductor (TI) CS5535 Datasheet HTML 158Page - National Semiconductor (TI) CS5535 Datasheet HTML 159Page - National Semiconductor (TI) CS5535 Datasheet HTML 160Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 555 page
background image
www.national.com
156
Revision 0.8
MFGPT Functional Description (Continued)
4.16.4 Single MFGPT
Figure 4-51 shows the functionality of one of these timers. There are two types of timers, one for the Working power domain
and one for the Standby power domain.
Figure 4-51. MFGPT Block Diagram
Standby State/
32 kHz/14 MHz
Count_Enable
External Enable
GPIO
GPIO Input Value
Little Endian
Big Endian
Bit Reverse
Compare 1
Compare 1 Value
Compare 2
Compare 2 Value
Clear
Clear & Re-start
Reverse Enable
Compare 1 Output
Compare 1 Mode
Compare 2 Mode
Sleep State
Compare 2 Output
16 Bit Sync
Up Counter
Stop Enable
Count
14 MHz/32 kHz Prescaler_Carry_Outs
Compare 1 Event
Compare 2 Event
15
VCORE
Scale Factor
0
4
≥



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com