Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 157 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 157 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 153Page - National Semiconductor (TI) CS5535 Datasheet HTML 154Page - National Semiconductor (TI) CS5535 Datasheet HTML 155Page - National Semiconductor (TI) CS5535 Datasheet HTML 156Page - National Semiconductor (TI) CS5535 Datasheet HTML 157Page - National Semiconductor (TI) CS5535 Datasheet HTML 158Page - National Semiconductor (TI) CS5535 Datasheet HTML 159Page - National Semiconductor (TI) CS5535 Datasheet HTML 160Page - National Semiconductor (TI) CS5535 Datasheet HTML 161Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 555 page
background image
Revision 0.8
157
www.national.com
MFGPT Functional Description (Continued)
4.16.4.1 Clock Selection and Counter Increment
The MFGPT can use either the 32 kHz clock or 14.318
MHz clock as the clock source (MFGPT6 and MFGPT7 in
Standby power domain are limited to the 32 kHz clock).
When the Counter Enable bit is high, the MFGPT is acti-
vated and capable of counting. An actual increment is per-
formed when the selected prescaler divide-by signals the
increment; this is done through the Scale Factor selecting
one of 16 signals. Table 4-32 shows how the Scale Factor
effectively divides down the incoming clock.
4.16.4.2 Compare 1 and Compare 2 Outputs
When the Up Counter reaches the Compare 1 Value, the
Compare 1 Output is asserted. When the Compare 2 Value
is reached, the Compare 2 Output is asserted, and the Up
Counter then synchronously clears and restarts. The
MFGPT outputs coming from Compare 1 and Compare 2
are all glitch-free outputs.
The compare outputs and events may change in the middle
of a prescaler period if new values are written to the Up
Counter, Compare 1 Value, or Compare 2 Value registers.
These compare outputs can be used to trigger their
respective events and drive GPIO outputs. The events are
used to trigger interrupts, NMI, and reset.
4.16.4.3 GPIO Input
The Up Counter could also be software selected to have a
GPIO input positive edge as another source for the counter
to clear and restart. The GPIO input signal is asynchronous
to the timer and the timer uses a flip-flop to capture the
GPIO rising edge. It takes up to one prescaler clock period
plus two MFGPT clock periods from the GPIO rising edge
for the clear to take effect. Once the counter is cleared, this
edge detect circuit can then accept a new GPIO edge.
Each individual pulse can be as short as a few nanosec-
onds wide for the rising edge to be captured. If this feature
is not selected or the counter is disabled, the clear counter
output and the edge detector are kept de-asserted.
4.16.4.4 Bit Reverse and Pulse Density Modulation
Figure 4-52 shows how the Little Endian/Big Endian Bit
Reverse functions.
Table 4-33 on page 158 shows a 3-bit example of pulse
density modulation; note that the MFGPT has a 16-bit
implementation. If the desired pulse train is of the opposite
polarity, this can be inverted in the GPIO or generated with
a different Compare 1 value.
Figure 4-52. MFGPT Bit Reverse Logic
Table 4-32. MFGPT Prescaler Clock Divider
Scale Factor
Input Clock Divide-By
0000
1
0001
2
0010
4
0011
8
0100
16
0101
32
0110
64
0111
128
1000
256
1001
512
1010
1024
1011
2048
1100
4096
1101
8192
1110
16384
1111
32768
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
Input Word from Up Counter
Output Word to Compare Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com