Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 161 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 161 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 157Page - National Semiconductor (TI) CS5535 Datasheet HTML 158Page - National Semiconductor (TI) CS5535 Datasheet HTML 159Page - National Semiconductor (TI) CS5535 Datasheet HTML 160Page - National Semiconductor (TI) CS5535 Datasheet HTML 161Page - National Semiconductor (TI) CS5535 Datasheet HTML 162Page - National Semiconductor (TI) CS5535 Datasheet HTML 163Page - National Semiconductor (TI) CS5535 Datasheet HTML 164Page - National Semiconductor (TI) CS5535 Datasheet HTML 165Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 555 page
background image
Revision 0.8
161
www.national.com
PMC Functional Description (Continued)
4.17.3 Software Power Management Actions
The hardware comes up from hardware system reset in the
Full On (FO) state. As part of system initialization, the
power management MSRs (see Section 5.18.1 on page
479) are written to establish the Active Hardware Clock
Gating (AHCG) state. The AHCG state is the nominal oper-
ational state.
4.17.3.1 Sleep/Standby Sequence
Entering the states under G1 and G2 requires explicit soft-
ware action. That action starts a hardware chain of events
in which some of the chain is determined by registers that
must be programmed previous to the start of the sequence.
The block diagram of the hardware involved in this
sequence is illustrated in Figure 4-53. Figure 4-54 and Fig-
ure 4-55 graphically show the Sleep/Standby sequence.
The sequence is as follows:
1)
The “explicit software action” begins with a write to
PM1_CNT
(ACPI
I/O
Offset
08h)
starting
the
Sleep/Standby sequence.
2)
The PMC issues a Sleep Request to the CS5535
GLCP and it passes the request as SUSP# to the GX2
GLCP.
3)
The GX2 GLCP issues a suspend request to the pro-
cessor. After the processor has shutdown operation it
provides a suspend acknowledge back to the GX2
GLCP.
4)
The GX2 GLCP processes a sleep sequence similar to
that described in step 5 while issuing a SUSPA# to the
CS5535 GLCP.
Figure 4-53. PMC Power Management Elements
GLIU
Activity Counters
GeodeLink Device
(1 of n)
PM MSR
GLCP
DSMI, SMI, NMI, IRQ
SUSP#
SUSPA#
Processor
Clock Control
Turn Off PCI/IDE Inputs
Turn Off PCI/IDE Outputs
External I/O
Sleep Request
Sleep Acknowledge
Internal Wakeup Events
External Wakeup and Thermal
Events including Buttons
SLEEP_X, SLEEP_Y,
SLP_CLK_EN#, WORKING,
and WORK_AUX
System Reset if
Wakeup from Standby
Power Low Indicator
PML & Reset
(with Standby power)
Notes: *At least one per GeodeLink Device.
#Global signal, one per system.
(CIS packet)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com