Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 165 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 165 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 161Page - National Semiconductor (TI) CS5535 Datasheet HTML 162Page - National Semiconductor (TI) CS5535 Datasheet HTML 163Page - National Semiconductor (TI) CS5535 Datasheet HTML 164Page - National Semiconductor (TI) CS5535 Datasheet HTML 165Page - National Semiconductor (TI) CS5535 Datasheet HTML 166Page - National Semiconductor (TI) CS5535 Datasheet HTML 167Page - National Semiconductor (TI) CS5535 Datasheet HTML 168Page - National Semiconductor (TI) CS5535 Datasheet HTML 169Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 555 page
background image
Revision 0.8
165
www.national.com
PMC Functional Description (Continued)
4.17.4 PMC Power Management States
The PMC state machines support the fundamental hard-
ware states: Power Off, Reset Standby, Working, Sleep,
and Controlled Standby.
• Reset Standby State: From Power Off, reset is applied
to the Standby domain by the external input pin
RESET_STAND#. Once reset, the Reset Standby state
de-asserts WORKING and WORK_AUX outputs and
waits for a Reset Standby wakeup event.
• Working State: The Working state can be entered from
Reset Standby, Sleep, or Controlled Standby states.
Working state is established when Working power is
applied and all system clocks are enabled. Once in this
state, registers and functions in the PMC can be initial-
ized, programmed, enabled/disabled, and the potential
exists for the system to proceed to the Sleep state or
Standby state.
• Sleep State: The system initiates the entry to the Sleep
state with a Sleep sequence. Under the Sleep state,
Working and Standby power are maintained. PCI/IDE
inputs are disabled when Sleep Acknowledge asserts.
PCI/IDE outputs are disabled when Sleep Acknowledge
asserts or after a programmable delay. SLEEP_X,
SLEEP_Y, and SLP_CLK_EN# may be asserted if
enabled. A Sleep wakeup event returns the system to
Working state.
• Controlled Standby State: Can be entered “normally”,
“fault condition”, or by a “restart”.
A normal entry is by way of a system initiated sequence as
in the Sleep case. This method of entry requires the
Standby state machine to monitor SLP_CLK_EN# and look
for an enable of the “Working De-assert Delay and Enable”
register (PM_WKD, PMS I/O Offset 30h[30]) or the
Work_aux
De-assert
Delay
and
Enable
register
(PM_WKXD, PMS I/O Offset 34h[30]). This signals the
Controlled Standby state normal entry. A Standby wakeup
event returns the system to Working state after a program-
mable delay (PM_NWKD, PMS I/O Offset 4Ch).
If enabled, a faulted entry can be initiated by a low power
off, thermal off, or fail-safe off. It can also be initiated by
Working power fail asserted. A default wakeup event
returns the system to the Working state after a programma-
ble delay (PM_FWKD, PMS I/O Offset 50h).
A re-start can be initiated by any of these resets: GLCP
soft reset, soft reset, shutdown reset, watchdog reset, or
bad packet type reset. The system returns to the Working
state when reset is de-asserted and the faulted_to_work
delay (PM_FWKD) expired. WORKING and WORK_AUX
are not de-asserted.
When a Controlled Standby state is entered by a faulted
condition or restart event, software control is assumed lost
and the software established state is assumed to be poten-
tially wrong. Therefore, the Standby domain returns to the
state associated with “Standby State Entry from Power
Off”; that is, Standby domain reset defaults are used. The
only exceptions are registers from the following list; these
are locked and not subject to change by software:
PM_RD
De-assert Reset Delay from Standby
(PMS I/O Offset 38h)
PM_WKXA
WORK_AUX Assert Delay from Standby
(PMS I/O Offset 3Ch)
PM_FSD
Fail-Safe Delay and Enable
(PMS I/O Offset 40h)
PM_TSD
Thermal Safe Delay and Enable
(PMS I/O Offset 44h)
PM_PSD
Power Safe Delay and Enable
(PMS I/O Offset 48h)
PM_NWKD
Normal to Work Delay and Enable
(PMS I/O Offset 4Ch)
PM_FWKD
Faulted to Work Delay and Enable
(PMS I/O Offset 50h)
The Faulted to Work Delay and Enable (PM_FWKD) regis-
ter is the only one of the above registers that potentially
applies during a re-start entry.
Lastly, note that any normal entry operation in process is
aborted.
Wakeup from faulted entry is the same as that associated
with Standby State Entry from Power Off; that is, it acts as
if the power button has been pushed. Other possible
wakeup events such as RTC Alarm and PMEs are ignored.
However, the system can be held in the Standby state for
the following reasons:
1)
If enabled and locked, the low power indicator is still
asserted.
2)
If LVD_EN# is tied to ground and VCORE is not at a
valid voltage, or if RESET_WORK # is asserted.
Note:
If enabled and locked, the thermal alarm does not
keep the system in the Standby state if it is
asserted. The thermal alarm circuitry resides in the
Working domain, and its state is ignored by the
Standby state. Once out of Standby, the thermal
alarm again comes into play. If it is still asserted, its
timer would start again.
The Power Management Control (PMC) has two state
machines:
• Working State Machine: Operates under Working
power and runs on a 14 MHz clock from the CCU. Its
function is to generate control signals used to turn off/on
systems clocks and I/Os based on events coming from
on or off the chip.
• Standby State Machine: Operates under Standby
power and runs on the 32 kHz clock. Its function is to
power-up and down the Working power to the Working
domain based on events coming from on or off the chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com