Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535 Datasheet(PDF) 162 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 162 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 158Page - National Semiconductor (TI) CS5535 Datasheet HTML 159Page - National Semiconductor (TI) CS5535 Datasheet HTML 160Page - National Semiconductor (TI) CS5535 Datasheet HTML 161Page - National Semiconductor (TI) CS5535 Datasheet HTML 162Page - National Semiconductor (TI) CS5535 Datasheet HTML 163Page - National Semiconductor (TI) CS5535 Datasheet HTML 164Page - National Semiconductor (TI) CS5535 Datasheet HTML 165Page - National Semiconductor (TI) CS5535 Datasheet HTML 166Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 555 page
background image
www.national.com
162
Revision 0.8
PMC Functional Description (Continued)
5)
The CS5535 GLCP processes a Sleep sequence. This
is done in one of the three ways:
a) If the CLK_DLY_EN bit in GLCP_GLB_PM (MSR
5170000Bh[1]) is 0 and the CLK_DELAY value in the
GLCP_CLK_DIS_DELAY (MSR 51700008h[23:0]) is
0, then wait until the CLK_ACTIVE flags specified in
GLCP_CLK4ACK (MSR 51700013h[33:0]) have gone
to 0.
b) If the CLK_DLY_EN bit is 1 and the CLK_DELAY
value is non-zero, then wait the amount of time of the
CLK_DELAY value.
c) If the CLK_DLY_EN is 0 and the CLK_DELAY value
is non-zero, then wait as in (a) but no longer than (b).
6)
At the completion of the wait above, de-assert the
CLK_DIS bits specified in GLCP_PMCLKDISABLE
(MSR 51700009h[33:0]) and assert Sleep Acknowl-
edge to the PMC.
7)
When the Sleep Acknowledge is received, the PMC
can optionally issue additional external generic con-
trols SLEEP_X and SLEEP_Y as well as SLP_CLK#to
turn off external clocks. The completion of this step
takes the system to S1. The system is now in Sleep.
8)
If the Sleep Request was to enter S3 (Save-to-RAM)
then the PMC moves beyond S1 and removes main
power by de-asserting WORK_AUX and leaving
WORKING asserted. WORKING is used to power
main memory, while WORK_AUX is used for every-
thing else in the system.
9)
If the Sleep Request was to enter S4 (Save-to-Disk) or
S5 (Soft Off) then the PMC moves beyond S1 and
removes
main
power
by
de-asserting
both
WORK_AUX and WORKING.
10) An external or internal wakeup event reverses the
events above to bring the system back to the S0 state.
Figure 4-54. PMC System Sleep Sequence
Sleep Request
SUSP#
SUSPA#
GL Device Clock Control
Sleep Acknowledge
PCI/IDE Input Control
SLEEP_X/SLEEP_Y
PCI/IDE Output Control
SLP_CLK_EN#
Indicates a variable delay.
NOTE: External signals are not necessarily active high. Shown as active high for clarity.
SLP_CLK_EN# signal must be the last control to assert because it turns off all system clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com