Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C102 Datasheet(PDF) 12 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 12 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 8Page - SMSC Corporation USB97C102 Datasheet HTML 9Page - SMSC Corporation USB97C102 Datasheet HTML 10Page - SMSC Corporation USB97C102 Datasheet HTML 11Page - SMSC Corporation USB97C102 Datasheet HTML 12Page - SMSC Corporation USB97C102 Datasheet HTML 13Page - SMSC Corporation USB97C102 Datasheet HTML 14Page - SMSC Corporation USB97C102 Datasheet HTML 15Page - SMSC Corporation USB97C102 Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 80 page
background image
SMSC DS – USB97C102
Page 12
Rev. 03/23/2000
MCU Memory Map
The 64K memory map is as follows from the 8051's viewpoint:
Code Space
Table 3 - MCU Code Memory Map
8051 ADDRESS
CODE SPACE
ACCESS
0xC000-0xFFFF
Movable 16k FLASH page 1 of 64 16k pages in
External FLASH (0x0000-0xFFFF) selected by
MEM_BANK Register Default: 0x4000-
0x7FFF FLASH
External FLASH
0x8000-0xBFFF
Movable 16k FLASH page 1 of 64 16k pages in
External FLASH (0x0000-0xFFFF) selected by
MEM_BANK2 Register Default: 0x0000-0x3FFF FLASH
External FLASH
0x4000-0x7FFF
Movable 16k FLASH page 1 of 64 16k pages in
External FLASH (0x0000-0xFFFF) selected by
MEM_BANK Register Default: 0x4000-
0x7FFFLASH
External FLASH
0x0000-0x3FFF
Fixed 16k FLASH Page
0x0000-0x3FFF FLASH
External FLASH
1 of 64 -16K
Flash Page
8051 MCU External Data Address
Space
0xFFFF
0xC000
1 of 64 - 16K
Flash Page
0x8000
1 of 64 - 16K
Flash pages
Fixed 16k Flash
Page
0x4000
0x0
16k
16k
16k
16k
16k
16k
16k
16k
...
...
FLASH Address Map
Selected
by "MEMBANK"
Register
Selected
by
"MEMBANK"
Register
MCU to External Code Space Map Diagram
Selected
by
"MEMBANK2"
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com