Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C102 Datasheet(PDF) 23 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 23 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 19Page - SMSC Corporation USB97C102 Datasheet HTML 20Page - SMSC Corporation USB97C102 Datasheet HTML 21Page - SMSC Corporation USB97C102 Datasheet HTML 22Page - SMSC Corporation USB97C102 Datasheet HTML 23Page - SMSC Corporation USB97C102 Datasheet HTML 24Page - SMSC Corporation USB97C102 Datasheet HTML 25Page - SMSC Corporation USB97C102 Datasheet HTML 26Page - SMSC Corporation USB97C102 Datasheet HTML 27Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 80 page
background image
SMSC DS – USB97C102
Page 23
Rev. 03/23/2000
Table 25 - GPIO Direction Register
GPIOA_DIR
(0x7F18- RESET=0x00)
MCU UTILITY REGISTERS
BIT
NAME
R/W
DESCRIPTION
7
GPIO7
R/W
GPIO7 Direction
0 = In
1 = Out
6
GPIO6
R/W
GPIO6 Direction
0 = In
1 = Out
5
GPIO5
R/W
GPIO5 Direction
0 = In
1 = Out
4
GPIO4/SOF
R/W
GPIO4 Direction
0 = In
1 = Out
3
GPIO3/T1
R/W
GPIO3 Direction
0 = In
1 = Out
2
GPIO2/T0
R/W
GPIO2 Direction
0 = In
1 = Out
1
GPIO1/TXD
R/W
GPIO1 Direction
0 = In
1 = Out
0
GPIO0/RXD
R/W
GPIO0 Direction
0 = In
1 = Out
Note: The Timer inputs T[1:0] can be configured as outputs and left unconnected so that software can write to the
bits to trigger the timer. Otherwise, the Timer inputs can be used to count external events or internal SOF
receptions.
Table 26 - GPIO Output Register
GPIOA_OUT
(0x7F19- RESET=0x00)
GPIO DATA OUTPUT
REGISTER A
BIT
NAME
R/W
DESCRIPTION
7
GPIO7
R/W
GPIO7 Output Buffer Data
6
GPIO6
R/W
GPIO6 Output Buffer Data
5
GPIO5
R/W
GPIO5 Output Buffer Data
4
GPIO4/SOF
R/W
GPIO4 Output Buffer Data
3
GPIO3/T1
R/W
GPIO3 Output Buffer Data
2
GPIO2/T0
R/W
GPIO2 Output Buffer Data
1
GPIO1/TXD
R/W
GPIO1 Output Buffer Data
0
GPIO0/RXD
R/W
GPIO0 Output Buffer Data
Table 27 - GPIO Input Register
GPIOA_IN
(0x7F1A- RESET=0xXX)
GPIO INPUT REGISTER A
BIT
NAME
R/W
DESCRIPTION
7
GPIO7
R
GPIO7 Input Buffer Data
6
GPIO6
R
GPIO6 Input Buffer Data
5
GPIO5
R
GPIO5 Input Buffer Data
4
GPIO4/SOF
R
GPIO4 Input Buffer Data
3
GPIO3/T1
R
GPIO3 Input Buffer Data
2
GPIO2/T0
R
GPIO2 Input Buffer Data
1
GPIO1/TXD
R
GPIO1 Input Buffer Data
0
GPIO0/RXD
R
GPIO0 Input Buffer Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com