Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C102 Datasheet(PDF) 16 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 16 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 12Page - SMSC Corporation USB97C102 Datasheet HTML 13Page - SMSC Corporation USB97C102 Datasheet HTML 14Page - SMSC Corporation USB97C102 Datasheet HTML 15Page - SMSC Corporation USB97C102 Datasheet HTML 16Page - SMSC Corporation USB97C102 Datasheet HTML 17Page - SMSC Corporation USB97C102 Datasheet HTML 18Page - SMSC Corporation USB97C102 Datasheet HTML 19Page - SMSC Corporation USB97C102 Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 80 page
background image
SMSC DS – USB97C102
Page 16
Rev. 03/23/2000
SGDMA Block Register Summary
Table 7 – SGDMA Block Register Summary
ADDRESS
NAME
R/W
DESCRIPTION
PAGE
CHANNEL 0 REGISTERS
7FB0
SGDMA_START_FIFO0
R/W
Packet Number Start FIFO Register
39
7FB1
SGDMA_DONE_FIFO0
R/W
Packet Number Done FIFO Register
39
7FB2
SGDMA_ADHI0
R/W
ISA Address High Byte Register
39
7FB3
SGDMA_ADLO0
R/W
ISA Address Low Byte Register
39
7FB4
SGDMA_SIZEHI0
R/W
Transfer Size High Register
39
7FB5
SGDMA_SIZELO0
R/W
Transfer Size Low Register
40
7FB6
SGDMA_TOTAL_PKTS0
R
Total Packets in Channel Register
40
7FB7
SGDMA_DONE_PKTS0
R
Total Packets in Done FIFO Register
40
7FB8
SGDMA_STS0
R
Status Register
40
7FB9
SGDMA_CMD0
R/W
Command Register
41
CHANNEL 1 REGISTERS
7FBA
SGDMA_START_FIFO1
R/W
Packet Number Start FIFO Register
39
7FBB
SGDMA_DONE_FIFO1
R/W
Packet Number Done FIFO Register
39
7FBC
SGDMA_ADHI1
R/W
ISA Address High Byte Register
39
7FBD
SGDMA_ADLO1
R/W
ISA Address Low Byte Register
39
7FBE
SGDMA_SIZEHI1
R/W
Transfer Size High Register
39
7FBF
SGDMA_SIZELO1
R/W
Transfer Size Low Register
40
7FC0
SGDMA_TOTAL_PKTS1
R
Total Packets in Channel Register
40
7FC1
SGDMA_DONE_PKTS1
R
Total Packets in Done FIFO Register
40
7FC2
SGDMA_STS1
R
Status Register
40
7FC3
SGDMA_CMD1
R/W
Command Register
41
CHANNEL 2 REGISTERS
7FC4
SGDMA_START_FIFO2
R/W
Packet Number Start FIFO Register
39
7FC5
SGDMA_DONE_FIFO2
R/W
Packet Number Done FIFO Register
39
7FC6
SGDMA_ADHI2
R/W
ISA Address High Byte Register
39
7FC7
SGDMA_ADLO2
R/W
ISA Address Low Byte Register
39
7FC8
SGDMA_SIZEHI2
R/W
Transfer Size High Register
39
7FC9
SGDMA_SIZELO2
R/W
Transfer Size Low Register
40
7FCA
SGDMA_TOTAL_PKTS2
R
Total Packets in Channel Register
40
7FCB
SGDMA_DONE_PKTS2
R
Total Packets in Done FIFO Register
40
7FCC
SGDMA_STS2
R
Status Register
40
7FCD
SGDMA_CMD2
R/W
Command Register
41
CHANNEL 3 REGISTERS
7FCE
SGDMA_START_FIFO3
R/W
Packet Number Start FIFO Register
39
7FCF
SGDMA_DONE_FIFO3
R/W
Packet Number Done FIFO Register
39
7FD0
SGDMA_ADHI3
R/W
ISA Address High Byte Register
39
7FD1
SGDMA_ADLO3
R/W
ISA Address Low Byte Register
39
7FD2
SGDMA_SIZEHI3
R/W
Transfer Size High Register
39
7FD3
SGDMA_SIZELO3
R/W
Transfer Size Low Register
40
7FD4
SGDMA_TOTAL_PKTS3
R
Total Packets in Channel Register
40
7FD5
SGDMA_DONE_PKTS3
R
Total Packets in Done FIFO Register
40
7FD6
SGDMA_STS3
R
Status Register
40
7FD7
SGDMA_CMD3
R/W
Command Register
41
PIO REGISTERS
7FD8
PIO_ADHI
R/W
Upper Byte of the ISA Address
42
7FD9
PIO_ADMID
R/W
Middle Byte of the ISA Address
42
7FDA
PIO_ADLO
R/W
Lower Byte of the ISA Address
43
7FDB
PIO_DATA
R/W
PIO Data Register
43
7FDC
PIO_CSR
R/W
PIO Command Register
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com