Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C102 Datasheet(PDF) 24 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 24 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 20Page - SMSC Corporation USB97C102 Datasheet HTML 21Page - SMSC Corporation USB97C102 Datasheet HTML 22Page - SMSC Corporation USB97C102 Datasheet HTML 23Page - SMSC Corporation USB97C102 Datasheet HTML 24Page - SMSC Corporation USB97C102 Datasheet HTML 25Page - SMSC Corporation USB97C102 Datasheet HTML 26Page - SMSC Corporation USB97C102 Datasheet HTML 27Page - SMSC Corporation USB97C102 Datasheet HTML 28Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 80 page
background image
SMSC DS – USB97C102
Page 24
Rev. 03/23/2000
Table 28 - Utility Configuration Register
UTIL_CONFIG
(0x7F1B- RESET=0x00)
UTILITY CONFIGURATION REGISTER
BIT
NAME
R/W
DESCRIPTION
[7:5]
Reserved
R
Reserved
4
GPIO4/SOF
R/W
GPIO4/SOF Output Select Mux
0 = GPIO4
1 = SOF port
3
GPIO3/T1
R/W
P3.5 Timer 1 input trigger source
0 = GPIO3
1 = SOF FRAME write strobe
2
GPIO2/T0
R/W
P3.4 Timer 0 input trigger source
0 = GPIO2
1 = SOF FRAME write strobe
1
GPIO1/TXD
R/W
GPIO1/TXD Output Select Mux
0 = GPIO1
1 = P3.1
0
GPIO0/RXD
R/W
P3.0 RXD/GPIO0 Input Select Mux
0 = RXD<=GPIO0
1 = RXD<='0'
Note 1: In Counter mode, the 8051 must sample T[1:0] as a '1' in one instruction cycle, and then '0' in the next. So
for 12MHz, the SOF Pulse must be active for at least 1us.
Note 2: Missing SOF packets can be reconstructed by using the Timer mode to count the number of 8051 instruction
cycles since the last valid Frame was received.
Note 3: A GPIO can be used to output nSOF pulses. This can be done by configuring a GPIO as an output and
writing to the GPIO out register to generate low pulses each time a SOF packet is received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com