Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C102 Datasheet(PDF) 37 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 37 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 33Page - SMSC Corporation USB97C102 Datasheet HTML 34Page - SMSC Corporation USB97C102 Datasheet HTML 35Page - SMSC Corporation USB97C102 Datasheet HTML 36Page - SMSC Corporation USB97C102 Datasheet HTML 37Page - SMSC Corporation USB97C102 Datasheet HTML 38Page - SMSC Corporation USB97C102 Datasheet HTML 39Page - SMSC Corporation USB97C102 Datasheet HTML 40Page - SMSC Corporation USB97C102 Datasheet HTML 41Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 80 page
background image
SMSC DS – USB97C102
Page 37
Rev. 03/23/2000
Table 57 - Clear Byte Pointer Flip Flop Register
CLEAR_FF
(ISA 0x000C)
CLEAR BYTE POINTER FLIP FLOP
BIT
NAME
R/W
DESCRIPTION
[7:0]
BPFF
W
This register must be written to clear the high/low byte
pointer flip flop prior to reading or writing new address or
word count information to the 8237.
Table 58 - Read Temporary Register
RD_TEMP
(ISA 0x000D)
READ TEMPORARY REGISTER
BIT
NAME
R/W
DESCRIPTION
[7:0]
TEMP_BYTE
R
This location holds the value of the last byte transferred in a
memory-to-memory operation.
Table 59 - Master Clear Register
MSTR_CLR: (ISA 0x000D)
MASTER CLEAR REGISTER
BIT
NAME
R/W
DESCRIPTION
[7:0]
SW_RESET
W
Writing to this register has the same effect on the registers
as a hardware reset. The 8237 will enter the idle state.
Table 60 - Clear Mask Register
CLR_MASK: (ISA 0x000E)
CLEAR MASK REGISTER
BIT
NAME
R/W
DESCRIPTION
[7:0]
CLR_ALL
W
Writing to this register clears the mask bits of all four
channels and allows them to receive DMA requests.
Table 61 - Clear All Mask Bits Register
ALL_MASK
(ISA 0x000F)
WRITE ALL MASK BITS REGISTER
BIT
NAME
R/W
DESCRIPTION
[7:4]
Reserved
W
Reserved
3
CH3_MASK
W
Channel 3 Mask Bit (1 = Set Mask, 0 = Clear Mask)
2
CH2_MASK
W
Channel 2 Mask Bit (1 = Set Mask, 0 = Clear Mask)
1
CH1_MASK
W
Channel 1 Mask Bit (1 = Set Mask, 0 = Clear Mask)
0
CH0_MASK
W
Channel 0 Mask Bit (1 = Set Mask, 0 = Clear Mask)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com