Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C102 Datasheet(PDF) 39 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 35Page - SMSC Corporation USB97C102 Datasheet HTML 36Page - SMSC Corporation USB97C102 Datasheet HTML 37Page - SMSC Corporation USB97C102 Datasheet HTML 38Page - SMSC Corporation USB97C102 Datasheet HTML 39Page - SMSC Corporation USB97C102 Datasheet HTML 40Page - SMSC Corporation USB97C102 Datasheet HTML 41Page - SMSC Corporation USB97C102 Datasheet HTML 42Page - SMSC Corporation USB97C102 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
SMSC DS – USB97C102
Page 39
Rev. 03/23/2000
The SGDMA also contains a PIO engine that permits the MCU to access the ISA bus on a cycle stealing basis with
the DMA transfers (there is only one PIO engine).
Table 62 – SGDMA Packet Number Start FIFO Register
SGDMA_START_FIFOx [x=0..3]
(BASE+0 – RESET = 0x00)
SGDMA_START_FIFO
BIT
NAME
R/W
DESCRIPTION
[7:5]
Reserved
R/W
Reserved – Read back as 0
[4:0]
PCKTNUM
R/W
Packet Number to queue on
SGDMA_START_FIFOx [x=0..3].
Note 1: This register is used when the channel is configured for an MMU memory operation.
Note 2: When the channel is enabled (CHANNEL_ENABLE=1 in register SGDMA_CMDx [x=0..3]), only the SGDMA
can read from these registers. The MCU can only read from these registers when the channel is disabled
(CHANNEL_ENABLE=0 in register SGDMA_CMDx [x=0..3]), and not busy (DMA_BUSY=0 in register
SGDMA_STSx [x=0..3]). It is the MCU’s responsibility to ensure that this FIFO does not overflow.
Table 63 – SGDMA Packet Number Done FIFO Register
SGDMA_DONE_FIFOx [x=0..3]
(BASE+1 – RESET = 0x00)
SGDMA_DONE_FIFO
BIT
NAME
R/W
DESCRIPTION
[7:5]
Reserved
R/W
Reserved – Read back as 0.
[4:0]
PCKTNO
R/W
Packet Number on top of the
SGDMA_DONE_FIFOx [x=0..3].
Note 1: This register is used when the channel is configured for an MMU memory operation.
Note 2: The SGDMA puts the packet number on this FIFO when the DMA transfer is complete, or when the MCU
disables a channel that was enabled and busy (meaning a DMA transfer was in progress). When this
register is read, the FIFO is popped. It is the MCU’s responsibility to ensure that this FIFO does not
overflow.
Table 64 – SGDMA ISA Address High Byte Register
SGDMA_ADHIx [x=0..3]
(BASE+2 – RESET = 0x00)
SGDMA_ADHI
BIT
NAME
R/W
DESCRIPTION
[7:0]
ADHIx [x=0..3]
R/W
Contains the high byte of the ISA
Address to use.
Table 65 – SGDMA ISA Address Low Byte Register
SGDMA_ADLOx [x=0..3]
(BASE+3 – RESET = 0x00)
SGDMA_ADLO
BIT
NAME
R/W
DESCRIPTION
[7:0]
ADLOx [x=0..3]
R/W
Contains the low byte of the ISA Address
to use.
Note 1: The SGDMA_ADHIx [x=0..3] and SGDMA_ADLOx [x=0..3] registers are used when the channel [0..3] is
configured for an ISA memory operation.
Note 2: The MCU must not write to these registers unless the channel is disabled (CHANNEL_ENABLED=0 in
register SGDMA_CMDx [x=0..3]) and not busy (DMA_BUSY=0 in register SGDMA_STSx [x=0..3]).
Table 66 – SGDMA Transfer Size High Register
SGDMA_SIZEHIx [x=0..3]
(BASE+4 – RESET = 0x00)
SGDMA_SIZEHI
BIT
NAME
R/W
DESCRIPTION
[7:0]
SIZEHIx
[x=0..3]
R/W
Contains the high byte of the payload
data size (in bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com