Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C102 Datasheet(PDF) 26 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 26 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 22Page - SMSC Corporation USB97C102 Datasheet HTML 23Page - SMSC Corporation USB97C102 Datasheet HTML 24Page - SMSC Corporation USB97C102 Datasheet HTML 25Page - SMSC Corporation USB97C102 Datasheet HTML 26Page - SMSC Corporation USB97C102 Datasheet HTML 27Page - SMSC Corporation USB97C102 Datasheet HTML 28Page - SMSC Corporation USB97C102 Datasheet HTML 29Page - SMSC Corporation USB97C102 Datasheet HTML 30Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 80 page
background image
SMSC DS – USB97C102
Page 26
Rev. 03/23/2000
MCU POWER MANAGEMENT REGISTERS
Table 29 - MCU/ISADMA Clock Source Select
CLOCK_SEL
(0x7F27 - RESET=0x40)
MCU/ISADMA CLOCK SOURCE SELECT
BIT
NAME
R/W
DESCRIPTION
7
SLEEP
R/W
When PCON. 0 = 1 and SLEEP has been set to 1, the ring
oscillator will be gated off, then all oscillators will be turned
off for maximum power savings. (These two signals can be
used to generate nFCE)
6
ROSC_EN
R/W
0 = Ring Oscillator Disable.
1 = Ring Oscillator Enable. ROSC_EN must be set to 1
before the MCU can be switched to the internal Ring
Oscillator Clock source.
5
MCUCLK_SRC
R/W
MCUCLK_SRC overrides MCUCLK_x clock select and
switches the MCU to the Ring Oscillator.
0 = Use Ring Oscillator. ROSC_EN must be enabled by
the MCU first.
1 = Use clock specified in MCU_CLK_[1:0]
[4:3]
MCU_CLK[1:0]
R/W
[4:3] = 00: 8MHz
[4:3] = 01: 12MHz
[4:3] = 10: 16MHz
[4:3] = 11: 24MHz
2
ISADMACLK_EXT
R/W
Selects an external clock source for the 8237 ISADMA
controller for synchronizing the DMA with another block.
NOTE: This will initially be an external input, but may
eventually be used within the block to optimize
performance, or as some other internal clock source.
0 = Use ISADMACLK[1..0] select
1 = Use EXT_IN clock source for 8237
[1:0]
ISADMACLK[1:0]
R/W
[1:0] = 00: Stopped
[1:0] = 01: 2MHz
[1:0] = 10: 4MHz
[1:0] = 11: 8MHz
Note 1: The 8051 may program itself to run off of an internal Ring Oscillator having a frequency range between 4 and
12MHz. This is not a precise clock, but is meant to provide the 8051 with a clock source, without running the
24MHz crystal oscillator or the PLL
Note 2: Switching between fast and slow clocks is recommended to save power.
Note 3: Clock switching can be done on the fly as long as both clocks are running. When switching, it takes a total of
six clocks (3 clocks of the original clock plus 3 clocks of the switching clock) to guarantee the switching.
Note 4: Time TBD is required from ROSC_EN=1 to MCUCLK_SRC=0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com