Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C102 Datasheet(PDF) 7 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 7 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 3Page - SMSC Corporation USB97C102 Datasheet HTML 4Page - SMSC Corporation USB97C102 Datasheet HTML 5Page - SMSC Corporation USB97C102 Datasheet HTML 6Page - SMSC Corporation USB97C102 Datasheet HTML 7Page - SMSC Corporation USB97C102 Datasheet HTML 8Page - SMSC Corporation USB97C102 Datasheet HTML 9Page - SMSC Corporation USB97C102 Datasheet HTML 10Page - SMSC Corporation USB97C102 Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
SMSC DS – USB97C102
Page 7
Rev. 03/23/2000
QFP PIN
NUMBER
SYMBOL
PIN DESCRIPTION
BUFFER
TYPE
28
RESET_IN
Power on reset; active high
This signal is used by the system to reset the chip. It also generates an
internal POR.
I
29
TST_OUT
XNOR Chain output
This signal is used for testing the chip via an internal XNOR Chain.
O8
26
nTEST
Test input
This signal is a manufacturing test pin. User can pull it high or leave it
unconnected.
IP
BUFFER TYPE DESCRIPTIONS
Table 2 - USB97C102 Buffer Type Description
BUFFER
DESCRIPTION
I
Input (no pull-up)
IP
Input 90µA with internal pull-up
O8
Output with 8mA drive
I/O8
Input/output with 8mA drive
I/O16
Input/output with 16mA drive
O24
Output, 24mA sink, 12mA source.
I/ODP24
Input/Output drain , 24mA sink, 12mA source with 90µA pull-up
ICLKx
XTAL clock input
OCLKx
XTAL clock output
ICLK
Clock input (TTL levels)
IOUSB
Defined in USB specification V1.1
CODE DEBUGGER INTERFACE
This interface is made available by driving NTEST=0 and TSTOUT=0 (In this mode, TSTOUT is an input of the chip).
In this mode, the pin functions are defined as follows:
QFP PIN
NUMBER
SYMBOL
PIN DESCRIPTION
BUFFER
TYPE
64, 69, 70,
63, 73, 43,
72, 71, 62-
58,
56-54
FA[15:0]
8051 Address Bus
I
42
NFRD
Data Read Strobe; active low
I
66
NFWR
Data Write; active low
I
112-115,
117-120
FD[7:0]
Data Bus
I/O8
44
nFCE
8051 T1IN timer signal
O8
75
FA19
8051 T0IN timer signal
O8
74
FA18
8051 WAKE interrupt signal
O8
68
FA17
8051 INT1 interrupt signal
O8
65
FA16
8051 INT0 interrupt signal
O8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com