Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C102 Datasheet(PDF) 40 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 40 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 36Page - SMSC Corporation USB97C102 Datasheet HTML 37Page - SMSC Corporation USB97C102 Datasheet HTML 38Page - SMSC Corporation USB97C102 Datasheet HTML 39Page - SMSC Corporation USB97C102 Datasheet HTML 40Page - SMSC Corporation USB97C102 Datasheet HTML 41Page - SMSC Corporation USB97C102 Datasheet HTML 42Page - SMSC Corporation USB97C102 Datasheet HTML 43Page - SMSC Corporation USB97C102 Datasheet HTML 44Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 80 page
background image
SMSC DS – USB97C102
Page 40
Rev. 03/23/2000
Table 67 – SGDMA Transfer Size Low Register
SGDMA_SIZELOx [x=0..3]
(BASE+5 – RESET = 0x00)
SGDMA_SIZELO
BIT
NAME
R/W
DESCRIPTION
[7:0]
SIZEHIx
[x=0..3]
R/W
Contains the low byte of the payload
data size (in bytes).
Note 1: The SGDMA_SIZEHIx [x=0..3] and SGDMA_SIZELOx [x=0..3] registers are used when the channel [0..3] is
configured for an ISA memory operation or for a MMU operation without a Packet Header.
Note 2: The MCU must not write to these registers unless the channel is disabled (CHANNEL_ENABLED = 0 in
register SGDMA_CMDx [x=0..3]) and not busy ((DMA_BUSY=0 in register SGDMA_STSx [x=0..3]).
Table 68 – SGDMA Total Packets in Channel Register
SGDMA_TOTAL_PKTSx [x=0..3]
(BASE+6 – RESET = 0x00)
SGDMA_TOTAL_PKTS
BIT
NAME
R
DESCRIPTION
[7:5]
Reserved
R
Reserved – Read back as 0
[4:0]
NUMPCKTS
R
Number of packets currently in the
channel [0..3]
Note 1: This register contains a count of the total number of packets in the corresponding SGDMA channel [0..3]. It
is incremented when the MCU puts a packet number into the SGDMA_START_FIFOx [x=0..3] and is
decremented when the MCU pops a packet from the SGDMA_DONE_FIFOx [x=0..3].
Table 69 – SGDMA Total Packets in the Done FIFO Register
SGDMA_DONE_PCKTSx [x=0..3]
(BASE+7 – RESET = 0x00)
SGDMA_DONE_PCKTS
BIT
NAME
R
DESCRIPTION
[7:5]
Reserved
R
Reserved – Read back as 0
[4:0]
NUMPCKTS
R
Number of packets in the
SGDMA_DONE_FIFOx [x=0..3]
Note 1: This register contains a count of the total number of packets in the SGDMA_DONE_FIFOx [x=0..3]. It is
incremented when the SGDMA puts a packet number into the SGDMA_DONE_FIFOx [x=0..3] and is
decremented when the MCU pops a packet from the SGDMA_DONE_FIFOx [x=0..3].
Table 70 – SGDMA Status Register
SGDMA_STSx [x=0..3]
(BASE+8 – RESET = 0x00)
SGDMA_STS
BIT
NAME
R
DESCRIPTION
7
DMA_BUSY
R
Will be Set (1) while an SGDMA transfer is in progress
6
ISA_DONE
R
Will be Set (1) after an ISA memory – ISA device transfer is
completed. Resets to 0 when the channel is disabled
(CHANNEL_ENABLE=0 in register SGDMA_CMDx [x=0..3])
5
M2M_INCOMPLETE
R
(Channel 0 only)
Set(1) only when all of the following are true:
!"
Memory-to-Memory transfer
!"
MMU memory is the target
!"
SGDMA_START_FIFO1 is not empty
!"
SGDMA_SIZEHI0 = 0
!"
SGDMA_SIZELO0 = 0
!"
SGDMA Channel 0 is enabled
!"
SGDMA Channel 1 is enabled
Clear(0) when they are not all true
5
Reserved
R
Reserved – Read back as 0.
(for Channels 1, 2, and 3)
4
Reserved
R
Reserved – Read back as 0.
3
DONE_FIFO_FULLx
[x=0..3]
R
Set(1) when SGDMA_DONE_FIFOx [x=0..3] is full
Clear(0) when SGDMA_DONE_FIFOx [x=0..3] is not full
2
DONE_FIFO_EMPTYx
[x=0..3]
R
Set(1) when SGDMA_DONE_FIFOx[x=0..3] is empty
Clear(0) when SGDMA_DONE_FIFOx[x=0..3] is not empty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com