Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C102 Datasheet(PDF) 36 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 36 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 32Page - SMSC Corporation USB97C102 Datasheet HTML 33Page - SMSC Corporation USB97C102 Datasheet HTML 34Page - SMSC Corporation USB97C102 Datasheet HTML 35Page - SMSC Corporation USB97C102 Datasheet HTML 36Page - SMSC Corporation USB97C102 Datasheet HTML 37Page - SMSC Corporation USB97C102 Datasheet HTML 38Page - SMSC Corporation USB97C102 Datasheet HTML 39Page - SMSC Corporation USB97C102 Datasheet HTML 40Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 80 page
background image
SMSC DS – USB97C102
Page 36
Rev. 03/23/2000
CH_CMD
(ISA 0x0008)
COMMAND REGISTER
BIT
NAME
R/W
DESCRIPTION
1
ADDR_HOLD
W
Channel 0 Address Hold
0 = Disable
1 = Hold Enable
0
MEM2MEM
W
Memory-to-Memory
0 = Disable
1 = Enable
Table 54 - 8237 Write Single Request Register
CH_REQ
(ISA 0x0009)
WRITE REQUEST REGISTER
BIT
NAME
R/W
DESCRIPTION
[7:3]
Reserved
W
Reserved
2
SET_CLR
W
Force Internal DMA Request Bit
0 = Clear
1 = Set
[1:0]
SEL[1:0]
W
'00' = Select Channel 0 DREQ
'01' = Select Channel 1 DREQ
'10' = Select Channel 2 DREQ
'11' = Select Channel 3 DREQ
Table 55 - 8237 Write Single Mask Register
CH_MASK
(ISA 0x000A)
WRITE SINGLE MASK REGISTER
BIT
NAME
R/W
DESCRIPTION
[7:3]
Reserved
R
Reserved
2
SET_CLR
W
Set Channel Mask Bit
0 = Clear
1 = Set
[1:0]
SEL[1:0]
W
'00' = Select Channel 0 Mask Bit
'01' = Select Channel 1 Mask Bit
'10' = Select Channel 2 Mask Bit
'11' = Select Channel 3 Mask Bit
Table 56 - Write Mode Register
DMA_MODE
(ISA 0x000B)
WRITE MODE REGISTER
BIT
NAME
R/W
DESCRIPTION
[7:6]
MODE[1:0]
W
'00' = Demand Mode Select
'01' = Single Mode Select
'10' = Block Mode Select
'11' = Cascade Mode Select
5
INC_DEC
W
Auto-increment/Decrement
0 = Increment
1 = Decrement
4
AUTO_INIT
W
Auto-initialization
0 = Disable
1 = Enable
[3:2]
R/WV[1:0]
W
'00' = Verify Transfer
'01' = Write Transfer
'10' = Read Transfer
'11' = Illegal
'XX' if bits 6 and 7 = '11' Or if CH_CMD register bit 0
= 1 (memory-to-memory transfer)
[1:0]
SEL[1:0]
W
'00' = Select Channel 0
'01' = Select Channel 1
'10' = Select Channel 2
'11' = Select Channel 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com