Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C102 Datasheet(PDF) 68 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 68 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 64Page - SMSC Corporation USB97C102 Datasheet HTML 65Page - SMSC Corporation USB97C102 Datasheet HTML 66Page - SMSC Corporation USB97C102 Datasheet HTML 67Page - SMSC Corporation USB97C102 Datasheet HTML 68Page - SMSC Corporation USB97C102 Datasheet HTML 69Page - SMSC Corporation USB97C102 Datasheet HTML 70Page - SMSC Corporation USB97C102 Datasheet HTML 71Page - SMSC Corporation USB97C102 Datasheet HTML 72Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 80 page
background image
SMSC DS – USB97C102
Page 68
Rev. 03/23/2000
DC PARAMETERS
MAXIMUM GUARANTEED RATINGS
Operating Temperature Range .................................................................................................... 0
oC to +70oC
Storage Temperature Range .....................................................................................................-55
o to +150oC
Lead Temperature Range (soldering, 10 seconds).............................................................................. +325
oC
Positive Voltage on any pin, with respect to Ground .......................................................................... Vcc+0.3V
Negative Voltage on any pin, with respect to Ground ..............................................................................-0.3V
Maximum Vcc ............................................................................................................................................ +3.6V
*Stresses above the specified parameters could cause permanent damage to the device. This is a stress
rating only and functional operation of the device at any other condition above those indicated in the operation
sections of this specification is not implied.
Note: When powering this device from laboratory or system power supplies, it is important that the Absolute
Maximum Ratings not be exceeded or device failure can result. Some power supplies exhibit voltage spikes on
their outputs when the AC power is switched on or off. In addition, voltage transients on the AC power line may
appear on the DC output. When this possibility exists, it is suggested that a clamp circuit be used.
DC ELECTRICAL CHARACTERISTICS (TA = 0°C - 70°C, Vcc = +3.3 V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
I Type Input Buffer
Low Input Level
High Input Level
VILI
VIHI
2.0
0.8
V
V
TTL Levels
ICLK Input Buffer
Low Input Level
High Input Level
VILCK
VIHCK
2.2
0.4
V
V
Input Leakage
(All I and IS buffers)
Low Input Leakage
High Input Leakage
IIL
IIH
-10
-10
+10
+10
uA
mA
VIN = 0
VIN = VCC
O8 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOLeak
2.4
-10
0.4
+10
V
V
uA
IOL = 4 mA @ VCC =
3.3V
IOH = -2 mA @ VCC
= 3.3V
VIN = 0 to VCC
(Note 1)
I/O8 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOLeak
2.4
-10
0.4
+10
V
V
µA
IOL = 4 mA @ VCC =
3.3V
IOH = -2 mA @ VCC
= 3.3V
VIN = 0 to VCC
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com