Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C102 Datasheet(PDF) 62 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 62 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 58Page - SMSC Corporation USB97C102 Datasheet HTML 59Page - SMSC Corporation USB97C102 Datasheet HTML 60Page - SMSC Corporation USB97C102 Datasheet HTML 61Page - SMSC Corporation USB97C102 Datasheet HTML 62Page - SMSC Corporation USB97C102 Datasheet HTML 63Page - SMSC Corporation USB97C102 Datasheet HTML 64Page - SMSC Corporation USB97C102 Datasheet HTML 65Page - SMSC Corporation USB97C102 Datasheet HTML 66Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 80 page
background image
SMSC DS – USB97C102
Page 62
Rev. 03/23/2000
Table 113 – IN_NAKLO Register
IN_NAKLO
(0x7FEC – RESET=0x00)
IN_NAKLO REGISTER
BIT
NAME
R/W
DESCRIPTION
7
IN_NAK_7
R/W
This bit is set when the SIE responds with a NAK to IN
tokens on EP 7 and reset when the MCU writes a ‘1’ to it.
6
IN_NAK_6
R/W
This bit is set when the SIE responds with a NAK to IN
tokens on EP 6 and reset when the MCU writes a ‘1’ to it.
5
IN_NAK_5
R/W
This bit is set when the SIE responds with a NAK to IN tokens
on EP 5 and reset when the MCU writes a ‘1’ to it.
4
IN_NAK_4
R/W
This bit is set when the SIE responds with a NAK to IN tokens
on EP 4 and reset when the MCU writes a ‘1’ to it.
3
IN_NAK_3
R/W
This bit is set when the SIE responds with a NAK to IN tokens
on EP 3 and reset when the MCU writes a ‘1’ to it.
2
IN_NAK_2
R/W
This bit is set when the SIE responds with a NAK to IN tokens
on EP 2 and reset when the MCU writes a ‘1’ to it.
1
IN_NAK_1
R/W
This bit is set when the SIE responds with a NAK to IN tokens
on EP 1 and reset when the MCU writes a ‘1’ to it.
0
IN_NAK_0
R/W
This bit is set when the SIE responds with a NAK to IN tokens
on EP 0 and reset when the MCU writes a ‘1’ to it.
Table 114 – IN_NAKHI Register
IN_NAKHI
(0x7FED – RESET=0x00)
IN_NAKHI REGISTER
BIT
NAME
R/W
DESCRIPTION
7
IN_NAK_15
R/W
This bit is set when the SIE responds with a NAK to IN
tokens on EP 15 and reset when the MCU writes a ‘1’ to it.
6
IN_NAK_14
R/W
This bit is set when the SIE responds with a NAK to IN
tokens on EP 14 and reset when the MCU writes a ‘1’ to it.
5
IN_NAK_13
R/W
This bit is set when the SIE responds with a NAK to IN tokens
on EP 13 and reset when the MCU writes a ‘1’ to it.
4
IN_NAK_12
R/W
This bit is set when the SIE responds with a NAK to IN tokens
on EP 12 and reset when the MCU writes a ‘1’ to it.
3
IN_NAK_11
R/W
This bit is set when the SIE responds with a NAK to IN tokens
on EP 11 and reset when the MCU writes a ‘1’ to it.
2
IN_NAK_10
R/W
This bit is set when the SIE responds with a NAK to IN tokens
on EP 10 and reset when the MCU writes a ‘1’ to it.
1
IN_NAK_9
R/W
This bit is set when the SIE responds with a NAK to IN tokens
on EP 9 and reset when the MCU writes a ‘1’ to it.
0
IN_NAK_8
R/W
This bit is set when the SIE responds with a NAK to IN tokens
on EP 8 and reset when the MCU writes a ‘1’ to it.
Table 115 – OUT_NAKLO Register
OUT_NAKLO
(0x7FEE – RESET=0x00)
OUT_NAKLO REGISTER
BIT
NAME
R/W
DESCRIPTION
7
OUT_NAK_7
R/W
This bit is This bit is set(1) when after the SIE responds with
a NAK to OUT tokens on EP 7 and reset(0) after when the
MCU writes a ‘1’ to it.
6
OUT_NAK_6
R/W
This bit is set(1) when after the SIE responds with a NAK to
OUT tokens on EP 6 and reset(0) when after the MCU writes
a ‘1’ to it.
5
OUT_NAK_5
R/W
This bit is set
(1) when the SIE responds with a NAK to OUT
tokens on EP 5 and reset
(0) when after the MCU writes a ‘1’ to
it.
4
OUT_NAK_4
R/W
This bit is set
(1) when the SIE responds with a NAK to OUT
tokens on EP 4 and reset
(0) when after the MCU writes a ‘1’ to
it.
3
OUT_NAK_3
R/W
This bit is set
(1) when the SIE responds with a NAK to OUT
tokens on EP 3 and reset
(0) when after the MCU writes a ‘1’ to
it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com