Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C102 Datasheet(PDF) 59 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 59 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 55Page - SMSC Corporation USB97C102 Datasheet HTML 56Page - SMSC Corporation USB97C102 Datasheet HTML 57Page - SMSC Corporation USB97C102 Datasheet HTML 58Page - SMSC Corporation USB97C102 Datasheet HTML 59Page - SMSC Corporation USB97C102 Datasheet HTML 60Page - SMSC Corporation USB97C102 Datasheet HTML 61Page - SMSC Corporation USB97C102 Datasheet HTML 62Page - SMSC Corporation USB97C102 Datasheet HTML 63Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 80 page
background image
SMSC DS – USB97C102
Page 59
Rev. 03/23/2000
This register allows the individual setting and clearing of the bits in the EP_CTRL registers.
Table 107 - Endpoint Command Register
EP_COMM
(0x7FAA- RESET=0x00)
ENDPOINT Command Register
BIT
NAME
R/W
DESCRIPTION
7
TX/RX
R/W
This bit, when set (1) will allow the command specified in bits 6-4
to control the TX endpoint. When this bit is cleared (0), the
command control the RX endpoint. In other words, if set (1), the
command will affect TX_ISO, TX_ENABLE, STALL_TXEP, and
TX_TOGGLE (defined in EPCTRL). If clear (0), the command will
affect RX_ISO, RX_ENABLE, STALL_RXEP, and RX_TOGGLE
(also defined in EPCTRL).
6
5 4
COMMAND BITS
0
0 0
Endpoint is disabled, and does not send handshakes.
0
0 1
Send a STALL handshake for an IN and/or OUT
transaction directed at this EP.
0
1 0
Normal Operation. ACK or NAK is sent depending on
whether data is in the EPXs TX_QUEUE or conversely for
EPX’s receive transactions.
0
1 1
Send a NAK handshake for an IN and/or OUT transaction
directed at this EP, regardless of TX_QUEUE status.
1
0 0
Clear Tx / Rx Toggle bit
1
0 1
Set Tx / Rx Toggle bit
1
1 0
Clear Tx / Rx ISO bit
[6:4]
COMMAND
R/W
1
1 1
Set Tx / Rx ISO bit
EP_COMM
(0x7FAA- RESET=0x00)
ENDPOINT Command Register
BIT
NAME
R/W
DESCRIPTION
3
2 1
0
ENDPOINT SELECT
0
0 0
0
Endpoint 0
0
0 0
1
Endpoint 1
0
0 1
0
Endpoint 2
0
0 1
1
Endpoint 3
0
1 0
0
Endpoint 4
0
1 0
1
Endpoint 5
0
1 1
0
Endpoint 6
0
1 1
1
Endpoint 7
1
0 0
0
Endpoint 8
1
0 0
1
Endpoint 9
1
0 1
0
Endpoint 10
1
0 1
1
Endpoint 11
1
1 0
0
Endpoint 12
1
1 0
1
Endpoint 13
1
1 1
0
Endpoint 14
[3:0]
EP_Select
R/W
1
1 1
1
Endpoint 15
Section 8.4.5.4 of the USB Spec V1.1 states that “If a non-control endpoint receives a SETUP PID, it must ignore the
transaction and return no response.” In order for the hardware to do this correctly, it needs to know which endpoints
are non-control endpoints.
Each bit of the NonControl Endpoint registers will correspond to the associated Endpoint. Bits 0-7 of the NonControl
Endpoint 1 register will correspond to Endpoints 7-15. Bits 0-7 of the NonControl Endpoint 2 will correspond to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com