Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C102 Datasheet(PDF) 46 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 46 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 42Page - SMSC Corporation USB97C102 Datasheet HTML 43Page - SMSC Corporation USB97C102 Datasheet HTML 44Page - SMSC Corporation USB97C102 Datasheet HTML 45Page - SMSC Corporation USB97C102 Datasheet HTML 46Page - SMSC Corporation USB97C102 Datasheet HTML 47Page - SMSC Corporation USB97C102 Datasheet HTML 48Page - SMSC Corporation USB97C102 Datasheet HTML 49Page - SMSC Corporation USB97C102 Datasheet HTML 50Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 80 page
background image
SMSC DS – USB97C102
Page 46
Rev. 03/23/2000
MMU COMMAND Bits 7, 6, and 5 Description:
000
NOOP, No operation
001
Allocate Memory : N3-0 specify how many 128 byte pages to allocate for that packet (up to 10 pages
allowed (1280 bytes) per packet.) Immediately generates a "FAILED" code at the ARR and the code is
cleared when complete. Can generate an ALLOC interrupt to MCU upon completion. When an allocation
request cannot be completed due to insufficient memory, the FAILED bit in the ARR will remain set. Any
subsequent release of memory pages (by either the MMUCR or the SIEDMA) will cause the MMUCR to
automatically continue the allocate command until all requested pages have been successfully allocated.
Software should never issue another allocate command until the previous allocate command has been
successfully completed.
010
RESET MMU : Frees all buffer RAM, clears interrupts, and resets queue pointers.
011
Remove Packet from top of RX Queue : To be issued after MCU has completed processing the packet
number at the RXFIFO.
100
Remove and Release Top of RXFIFO : Same as (011), but also frees all memory used by the packet. This
command is especially useful as a quick way to "ignore" bad packets.
101
Release specific Packet : Frees all pages allocated to the packet specified in the PNR.
110
Enqueue Packet into Endpoint x : Places the Packet number indicated by the PNR register in the transmit
queue of the endpoint pointed to by the MMUTX_SEL register. The MMUTX_SEL register must be written
before this command is issued.
111
Reset TX Endpoint x : Resets the TX FIFO holding the packet numbers awaiting transmission and the
TXFIFO_STAT bits of the endpoint pointed to by the MMUTX_SEL register. The MMUTX_SEL register must
be written before this command is issued. This command does not release any memory allocated to packets
that are dequeued.
Table 83 - Allocation Result Register
ARR
(0x7F54)
ALLOCATION RESULT REGISTER
BIT
NAME
R/W
DESCRIPTION
7
FAILED
R
[6:5]
Reserved
R
Reserved
[4:0]
P[4:0]
R
Returns Packet Number (0-31, 0x00-0x1F) from an allocation
command. This can be written directly into the PNR register
Table 84 - Packet Number Register
PNR (0x7F55)
PACKET NUMBER REGISTER
BIT
NAME
R/W
DESCRIPTION
[7:5
Reserved
R
Reserved
[4:0]
P[4:0]
R/W
Packet selector to access packet at 0x6000 buffer window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com