Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C102 Datasheet(PDF) 72 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 72 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 68Page - SMSC Corporation USB97C102 Datasheet HTML 69Page - SMSC Corporation USB97C102 Datasheet HTML 70Page - SMSC Corporation USB97C102 Datasheet HTML 71Page - SMSC Corporation USB97C102 Datasheet HTML 72Page - SMSC Corporation USB97C102 Datasheet HTML 73Page - SMSC Corporation USB97C102 Datasheet HTML 74Page - SMSC Corporation USB97C102 Datasheet HTML 75Page - SMSC Corporation USB97C102 Datasheet HTML 76Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 80 page
background image
SMSC DS – USB97C102
Page 72
Rev. 03/23/2000
Differential
Data Lines
Paired
Transitions
N * TPERIOD + TJR2
TPERIOD
Consecutive
Transitions
N * TPERIOD + TJR1
TJR
TJR1
TJR2
FIGURE 14 - RECEIVER JITTER TOLERANCE
Table 121 - Full Speed (12Mbps) Source Electrical Characteristics
PARAMETER
SYM
CONDITIONS
(NOTE 1, 2, 3)
MIN
TYP
MAX
UNIT
DRIVER CHARACTERISTICS:
Transition Time:
Rise Time
Fall Time
TR
TF
Note 4,5 and FIGURE 10
CL = 50 pF
CL = 50 pF
4
4
20
20
ns
ns
Rise/Fall Time
Matching
TRFM
(TR/TF)
90
110
%
Output Signal
Crossover Voltage
VCRS
1.3
2.0
V
Drive Output
Resistance
ZDRV
Steady State Drive
28
43
$
DATA SOURCE TIMING:
Full Speed Data Rate
TDRATE
Ave. Bit Rate
(12 Mb/s +/- 0.25%) Note
8
11.95
12.03
Mbs
Frame Interval
TFRAME
1.0 ms +/- 0.05%
0.9995
1.00
05
ms
Clock Period
TPERIOD
80
86
ns
Source Differential
Driver Jitter
To next Transition
For Paired Transitions
TDJ1
TDJ2
Note 6, 7 and
FIGURE 12
-3.5
-4.0
3.5
4.0
ns
ns
Source EOP Width
TEOPT
Note 7 and
FIGURE 13
160
175
ns
Differential to EOP
transition Skew
TDEOP
Note 7 and
FIGURE 13
-2
5
ns
Receiver Data Jitter
Tolerance
To next Transition
For Paired Transitions
TJR1
TJR2
Note 7 and FIGURE 14
-18.5
-9
18.5
9.0
ns
ns
Differential Data Jitter
To next Transition
For Paired Transitions
TXJR1
TXJR2
Note 7 and FIGURE 12
-18.5
-9
18.5
9.0
ns
ns
EOP Width at receiver
Must reject as EOP
Must Accept
TEOPR1
TEOPR2
Note 7 and
FIGURE 13
40
82
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com