Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C102 Datasheet(PDF) 61 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 61 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 57Page - SMSC Corporation USB97C102 Datasheet HTML 58Page - SMSC Corporation USB97C102 Datasheet HTML 59Page - SMSC Corporation USB97C102 Datasheet HTML 60Page - SMSC Corporation USB97C102 Datasheet HTML 61Page - SMSC Corporation USB97C102 Datasheet HTML 62Page - SMSC Corporation USB97C102 Datasheet HTML 63Page - SMSC Corporation USB97C102 Datasheet HTML 64Page - SMSC Corporation USB97C102 Datasheet HTML 65Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 80 page
background image
SMSC DS – USB97C102
Page 61
Rev. 03/23/2000
The following register allows the MCU to access and control the up/down counters for each endpoint:
Table 111 – Memory Management Policy Command Register
MMPCMD
(0x7FAE)
ENDPOINT COMMAND REGISTER
BIT
NAME
R/W
DESCRIPTION
7
6
5
COMMAND BITS
0
0
0
Disable the Memory Management Policy feature. If
disabled, the endpoint counters will still count, but there will
be no MMP action taken when the counter reaches zero.
0
0
1
Enable the Memory Management Policy feature.
0
1
0
Decrement the count – the MCU must have previously
made the endpoint busy before executing this command.
0
1
1
Increment the count – the MCU must have previously
made the endpoint busy before executing this command.
1
0
0
Get State – this will cause the count and the enable/disable
state to be latched into the MMPSTAT register.
1
0
1
Reserved
1
1
0
Reserved
[7:5]
COMMAND
R/W
1
1
1
Reset the counter to zero and disable the MMP feature.
4
Reserved
R/W
Reserved – Reads back as 0.
MMPCMD
(0x7FAE)
ENDPOINT COMMAND REGISTER
BIT
NAME
R/W
DESCRIPTION
3
2
1
0
ENDPOINT SELECT
0
0
0
0
Endpoint 0
0
0
0
1
Endpoint 1
0
0
1
0
Endpoint 2
0
0
1
1
Endpoint 3
0
1
0
0
Endpoint 4
0
1
0
1
Endpoint 5
0
1
1
0
Endpoint 6
0
1
1
1
Endpoint 7
1
0
0
0
Endpoint 8
1
0
0
1
Endpoint 9
1
0
1
0
Endpoint 10
1
0
1
1
Endpoint 11
1
1
0
0
Endpoint 12
1
1
0
1
Endpoint 13
1
1
1
0
Endpoint 14
[3:0]
EP_Select
R/W
1
1
1
1
Endpoint 15
Table 112 – Memory Management Policy State Register
MMPSTATE
0x7FAF Reset 0x00
MEMORY MANAGEMENT POLICY STATE REGISTER
BIT
NAME
R/W
DESCRIPTION
7
Enabled
R/W
MMP State latched by the most recent Get State Command in the
MMPCMD register. When set(1), the MMP feature will be enabled;
when clear(0), the MMP feature will be disabled.
[6:5]
Reserved
R/W
Reserved – Read back as 0.
[4:0]
Count
R/W
Count latched by the most recent Get State Command in the
MMPCMD register.
Note 1: The MMPSTATE register is read/write but it is only read in normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com