Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C102 Datasheet(PDF) 74 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 74 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 70Page - SMSC Corporation USB97C102 Datasheet HTML 71Page - SMSC Corporation USB97C102 Datasheet HTML 72Page - SMSC Corporation USB97C102 Datasheet HTML 73Page - SMSC Corporation USB97C102 Datasheet HTML 74Page - SMSC Corporation USB97C102 Datasheet HTML 75Page - SMSC Corporation USB97C102 Datasheet HTML 76Page - SMSC Corporation USB97C102 Datasheet HTML 77Page - SMSC Corporation USB97C102 Datasheet HTML 78Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 80 page
background image
SMSC DS – USB97C102
Page 74
Rev. 03/23/2000
FIGURE 16 – 8051 IO READ CYCLE
Table 123 – 8051 IO Read Timing Parameters
NAME
DESCRIPTION
MIN
MAX
EQUIATION
UNITS
t1
SA[x] and AEN Valid to nIOR Asserted
107
4t-60
ns
t2
nIOR Asserted to nIOR Deasserted
150
6t-100
ns
t3
nIOR Asserted to SA[x] Invalid
32
t-10
ns
t4
nIOR Asserted to Data Valid
0
ns
t5
Data Hold/Float from nIOR Deasserted
0
ns
t6
nIOR Asserted after nIOR Deasserted
32
t-10
ns
t7
nIOR Asserted after nIOW Deasserted
32
t-10
ns
t8
nIOR Asserted to AEN Valid
10
ns
t9
Data Valid to nIOR Deassereted
30
ns
t10
nIOR Deasserted to SD[x] tri-state
32
t-10
ns
Note:
Min and Max delays shown for 8051 clk of 24 MHz, to calculate typical timing delays for other clock
frequencies use Oscillator Equations, where t=1/fCLK.
FIGURE 17 - INPUT CLOCK TIMING
Table 124 - Input Clock Timing Parameters
NAME
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
Clock Cycle Time for 24 MHz
41.67
ns
t2
Clock High Time/Low Time for 14.318 MHz
25/16.7
16.7/25
ns
tr, tf
Clock Rise Time/Fall Time (not shown)
5
ns
t2
t1
t2
CLOCKI
t3
t1
t2
t4
t5
DATA VALID
AEN
SA[x]
nIOR
SD[x]
nIOW/nIOR
t6
t7
t8
t9
t10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com