Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C102 Datasheet(PDF) 43 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 43 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 39Page - SMSC Corporation USB97C102 Datasheet HTML 40Page - SMSC Corporation USB97C102 Datasheet HTML 41Page - SMSC Corporation USB97C102 Datasheet HTML 42Page - SMSC Corporation USB97C102 Datasheet HTML 43Page - SMSC Corporation USB97C102 Datasheet HTML 44Page - SMSC Corporation USB97C102 Datasheet HTML 45Page - SMSC Corporation USB97C102 Datasheet HTML 46Page - SMSC Corporation USB97C102 Datasheet HTML 47Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 80 page
background image
SMSC DS – USB97C102
Page 43
Rev. 03/23/2000
Table 74 –Low Byte of the PIO ISA Address
PIO_ADLO
(0x7FDA – RESET = 0x00)
PIO_ADLO
BIT
NAME
R/W
DESCRIPTION
[7:0]
PIOADDRLO
R/W
The low byte of the ISA address
Note 1: The MCU must not write these registers until PIO_BUSY=0 in the PIO_CSR register.
Note 2: PIO Read transfers and the first transfer of PIO Read Multiple transfers are initiated by writing to
the PIO_ADLO register.
Table 75 – PIO Data Register
PIO_DATA
(0x7FDB – RESET = 0x00)
PIO_DATA
BIT
NAME
R/W
DESCRIPTION
[7:0]
PIODATA
R/W
The Data for the PIO transfer
Note 1: The MCU must not read this register until PIO_BUSY=0 in the PIO_CSR register.
Note 2: PIO Write transfers are initiated by writing to the PIO_DATA register.
PIO Read Multiple transfers (except for the first transfer) are initiated by reading the PIO_DATA
register
Table 76 – PIO Command/Status Register
PIO_CSR
(0x7FDC – RESET = 0x00)
PIO_CSR
BIT
NAME
R/W
DESCRIPTION
7
PIO_BUSY
R
Will be set(1) when a PIO transfer is in progress
6
Reserved
R/W
Reserved – Read back as 0
Programs the width of the RD/WR strobes (nIOR, nIOW,
nMEMR, nMEMW)
5
4
3
Strobe Width
0
0
0
Invalid
0
0
1
Invalid
0
1
0
Invalid
0
1
1
3 DMACLKs
1
0
0
4 DMACLKs
1
0
1
5 DMACLKs
1
1
0
6 DMACLKs
1
1
1
Invalid
[5:3]
STROBEWIDTH
R/W
For ISA Read accesses, the data must be valid one
DMACLK cycle before the trailing edge of the read strobe.
2
MEMORY
R/W
Set(1) to indicate an ISA memory transfer.
Clear(0)to indicate an ISA I/O transfer.
1
0
Transfer Type
0
0
Disable
0
1
Write
1
0
Read
[1:0]
TRANSFERTYPE
R/W
1
1
Read Multiple
Note 1: The STROBEWIDTH and MEMORY bits of the PIO_CSR register must not be changed unless
TRANSFERTYPE=00 (disabled) and PIO_BUSY=0 in the PIO_CSR register.
Note 2: The Ready input can be used to stretch the width of the RD/WR strobes generated by the PIO.
When the READY input is high, the strobes will be as programmed in the PIO_CSR register.
!" PIO Writes: In order to affect the nIOW or nMEMW strobes, the READY signal must go low at least 2
DMACLK periods before the scheduled rising edge of the strobe, and then the strobe will remain low
until 3 DMACLK periods after READY goes high. PIO Reads: In order to affect the nIOR or nMEMW
strobes, the READY signal must go low at least 3 DMACLK periods before the scheduled rising edge of
the strobe, and then the strobe will remain low for 5 DMACLK periods after READY goes high. The read
Data must be valid within 4 DMACLKS after READY goes high so that the Data is available at least 1
DMACLK period before the rising edge of the read strobe.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com