Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C102 Datasheet(PDF) 69 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 69 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 65Page - SMSC Corporation USB97C102 Datasheet HTML 66Page - SMSC Corporation USB97C102 Datasheet HTML 67Page - SMSC Corporation USB97C102 Datasheet HTML 68Page - SMSC Corporation USB97C102 Datasheet HTML 69Page - SMSC Corporation USB97C102 Datasheet HTML 70Page - SMSC Corporation USB97C102 Datasheet HTML 71Page - SMSC Corporation USB97C102 Datasheet HTML 72Page - SMSC Corporation USB97C102 Datasheet HTML 73Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
SMSC DS – USB97C102
Page 69
Rev. 03/23/2000
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
I/O16 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOleak
2.4
-10
0.4
+10
V
V
µA
IOL = 8 mA @ VCC =
3.3V
IOH = -4 mA @ VCC
= 3.3V
VIN = 0 to VCC
(Note 1)
I/O24 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOleak
2.4
-10
0.4
+10
V
V
µA
IOL = 12 mA @ VCC
= 3.3V
IOH = -6 mA @ VCC
= 3.3V
VIN = 0 to VCC
(Note 1)
IO-U
Note 2
Supply Current Un-
configured
ICCINIT
TBD
TBD
TBD
mA
@ VCC = 3.3V
Supply Current Active
ICC
60
100
mA
@ VCC = 3.3V
Supply Current Standby
ICSBY
#A
@ VCC = 3.3V
Note 1: Output leakage is measured with the current pins in high impedance.
Note 2: See Appendix A for USB DC electrical characteristics.
CAPACITANCE TA = 25°C; fc = 1MHz; VCC = 3.3V
LIMITS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITION
Clock Input Capacitance
CIN
20
pF
Input Capacitance
CIN
10
pF
Output Capacitance
COUT
20
pF
All pins except USB pins
(and pins under test tied
to AC ground)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com