Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C102 Datasheet(PDF) 64 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 64 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 60Page - SMSC Corporation USB97C102 Datasheet HTML 61Page - SMSC Corporation USB97C102 Datasheet HTML 62Page - SMSC Corporation USB97C102 Datasheet HTML 63Page - SMSC Corporation USB97C102 Datasheet HTML 64Page - SMSC Corporation USB97C102 Datasheet HTML 65Page - SMSC Corporation USB97C102 Datasheet HTML 66Page - SMSC Corporation USB97C102 Datasheet HTML 67Page - SMSC Corporation USB97C102 Datasheet HTML 68Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 80 page
background image
SMSC DS – USB97C102
Page 64
Rev. 03/23/2000
USB HUB BLOCK
The registers shown below interface the Internal 8051 MCU with the SMC SMSC97C102 internal Hub Block. The
MCU, subsequent to reset and initialization, must initialize the HUB register block as its first task. Initialization of the
registers below, must be accomplished within two (2) ms after the de-assertion of reset. The MCU must initialize the
registers before the up stream host controller relinquishes its reset pulse to the internal HUB block so that the Host
Controller can enumerate the device.
Below is a block diagram of the HUB block. As indicated in the diagram, the HUB block consists of the Hub Repeater,
Control and Command sequencer.
SIU System Interface Unit
This module consists of address decoding and multiplex logic. The address decoder logic is used to compare the
address received from the host during a SETUP, IN or OUT token transfer with the address of the HUB. There are
two address decodes, one for the HUB endpoint and one for the Remote Device Bay Control endpoint which is not
part of the HUB Block.
HIU Hub Interface Unit
The Hub Interface Unit (HIU) provides the hub controller function of this compound device. The hub controller
provides the functionality for Host to HUB communication. The HUB specific control and status commands defined in
the USB and HUB device class specification permit the host controller to configure the HUB and control and monitor
each down stream port. The HUB control block, for the most part, is like a full speed device on USB and hence it
consists of all the function blocks needed to implement a device. Included in the functionality required is endpoint 0
control, enumeration, control packet decoding, status maintenance and reporting. Additional functions that will be
performed by the HUB block include:
!" Provide Hub descriptors defined the HUB USB Device Class Specification V 1.1
!" Hub Configuration
!" Hub and Port Status
Hub Repeater
USB97C102 - Hub Compound Device Block
Hub Serial Interface Engine
Hub Port
Control
0
PORT0
SIU
HIU
Hub Command Sequencer
Power
Control
Mode
From Control Reg.
Upstream Port
Down Stream Ports
Hub Port
Control
5
PORT5
To
Walkup
USB
Hub Port
Control
4
PORT4
To
Walkup
USB
Hub Port
Control
3
PORT3
To
Walkup
USB
Hub Port
Control
2
PORT2
To
Walkup
USB
Hub Port
Control
1
PORT1
To
Internal
SIE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com