Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C102 Datasheet(PDF) 33 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 33 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 29Page - SMSC Corporation USB97C102 Datasheet HTML 30Page - SMSC Corporation USB97C102 Datasheet HTML 31Page - SMSC Corporation USB97C102 Datasheet HTML 32Page - SMSC Corporation USB97C102 Datasheet HTML 33Page - SMSC Corporation USB97C102 Datasheet HTML 34Page - SMSC Corporation USB97C102 Datasheet HTML 35Page - SMSC Corporation USB97C102 Datasheet HTML 36Page - SMSC Corporation USB97C102 Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 80 page
background image
SMSC DS – USB97C102
Page 33
Rev. 03/23/2000
Runtime Registers
The DMA controller has a block of 16 R/W registers which normally occupy I/O locations 0x00-0x0F on the ISA bus.
When they are located at 0x0000-0x000F on the ISA bus, the 8051 can access them by programming the IOBASE
Register to 0x00, and reading or writing from 0x4000-0x400F.
Table 42 - 8237 Registers in ISA I/O Space
0x0000
Channel 0: Current Address H/L
0x0001
Channel 0: Byte Count H/L
0x0002
Channel 1: Current Address H/L
0x0003
Channel 1: Byte Count H/L
0x0004
Channel 2: Current Address H/L
0x0005
Channel 2: Byte Count H/L
0x0006
Channel 3: Current Address H/L
0x0007
Channel 3: Byte Count H/L
0x0008
Status/Command Register
0x0009
Write Request Register
0x000A
Write Single Mask Register
0x000B
Write Mode Register
0x000C
Clear Byte Ptr F/F - Read Temp Register
0x000D
Master Clear
0x000E
Clear Mask
0x000F
Write All Mask Bits
Note: To write to these registers, HLDA must be logic low.
Table 43 - 8237 Address Programming Guide
8237 INTERNAL ADDRESS PROGRAMMING GUIDE
BIT
NAME
DESCRIPTION
15
INT_EXT
Indicates whether this address refers to Internal Buffer RAM or
External ISA Memory Space
0 = External
1 = Internal
When this bit is set to zero (0), I/O capability is added to External
Memory DMA. This capability can only be used for DMA channels 2
or 3.
[14:10]
PN[4:0]/SA[14:10]
External Address -or- Internal Packet Number
SA[14..10] when INT_EXT=0
PN[4..0] when INT_EXT=1
[9:0]
PTR[9:0]/SA[9:0]
External Address -or- Internal Packet Offset Pointer
SA[9..0] when INT_EXT=0
PTR[9..0] when INT_EXT=1
Note: SA[19..15] are driven low when the 8237 is accessing external ISA memory. PTR10 is driven low when the
8237 is accessing internal buffer RAM. Note that the actual transfer size for the ISADMA is limited to 1024
bytes, which limits the payload data to 1016 bytes per transfer when the 8 byte header is skipped. Also note
that the 8051 still has access to 1Meg of external RAM through the MEMBASE register and it is independent
of the 8237's 32k external limit.
Table 44 - Channel 0 Current Address Register
CH0_ADDR
(ISA 0x0000)
CHANNEL 0 CURRENT ADDRESS
BIT
NAME
R/W
DESCRIPTION
[7:0]
CH0_ADDRL
R/W
Lower 8 bits of Base and Current Address when Byte F/F = 0
[7:0]
CH0_ADDRH
R/W
Upper 8 bits of Base and Current Address when Byte F/F = 1
Note: Byte F/F is an internal Flip Flop which reflects which byte (high or low) is being written. The CLEAR_FF
register should be written to before writing this register to guarantee which byte (high or low) is being written.
See the Address Programming Table for 16 bit Address definitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com