Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C102 Datasheet(PDF) 57 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 57 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 53Page - SMSC Corporation USB97C102 Datasheet HTML 54Page - SMSC Corporation USB97C102 Datasheet HTML 55Page - SMSC Corporation USB97C102 Datasheet HTML 56Page - SMSC Corporation USB97C102 Datasheet HTML 57Page - SMSC Corporation USB97C102 Datasheet HTML 58Page - SMSC Corporation USB97C102 Datasheet HTML 59Page - SMSC Corporation USB97C102 Datasheet HTML 60Page - SMSC Corporation USB97C102 Datasheet HTML 61Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 80 page
background image
SMSC DS – USB97C102
Page 57
Rev. 03/23/2000
Table 103 - SIE Status Register
SIE_STAT
(0x7F93 - RESET=0x03)
SIE STATUS REGISTER
BIT
NAME
R/W
DESCRIPTION
7
ERR
R
Indicates that an error occurred during the last USB
transaction. Considered valid on the rising edge of EOT
6
TIMEOUT
R
Indicate that the last USB transaction ended because of an
inter-packet time out condition (i.e.:>16 bit times).
Considered valid on the rising edge of EOT.
5
SETUP_TOKEN
R
Indicates that the token received was a SETUP token.
4
SOF_TOKEN
R
Indicates that the SOF PID has been received. Considered
valid when EOT is '0'.
3
PRE_TOKEN
R
Indicates that the SIE detected a PRE (preamble) packet on
the USB bus. The signal is asserted when the SIE has seen
a valid SYNC followed by a valid PRE PID.
2
ACK
R
Indicates that the last USB transaction was completed
without error or time-out. Considered valid on the rising
edge of EOT.
1
USB_RESET
R
When active '1', it indicates that the USB line is being reset.
This signal is asserted when the SIE detects a string of
single – ended 0's on the bus for a long time.
[During USB_RESET, this bit is set(1). When the firmware
sends a system reset, this bit is cleared(0)]
0
EOT
R
End - of - Transaction. On transition to a '1', it indicates the
end of transaction. On transition to a '0' it indicates the
beginning of a new transaction.
Note:
This read only register reflects the status signals from the SIE state machine. This register can be polled for
test purposes, or by error handling routines for recovery.
Table 104 - SIE Control Register 1
SIE_CTRL1
(0x7F94 - RESET=0x00)
SIE CONTROL REGISTER 1
BIT
NAME
R/W
DESCRIPTION
7
SIEDMA_DISABLE
R/W
0 = Normal operation
1 = Inhibits SIEDMA operation to facilitate MCU override
6
FORCE_RXOK
R/W
Forces SIE to send Acknowledge during receive. Must be
'0' for normal operation.
5
FORCE_TTAG
R/W
0 = Normal operation
1 = Signals that the next byte written to the SIE TX_FIFO is
the last payload byte.
4
FORCE_RXOVFLO
R/W
0 = Normal operation.
1 = Forces the SIE to generate RXOVFLO and clear the
SIE RX FIFO.
3
FORCE_TXABORT
R/W
0 = Normal operation
1 = Forces a bit-stuff error at the host
2
FORCE_EOT
R/W
0 = Normal operation
1 = Forces an End-of-Transaction for the SIE
1
RTAG_IN
R
Status of RTAG signal from SIE RX FIFO
0
TXOK_IN
R
Status of TXOK from SIE
Note:
Bits 7:2 must be set to “0” for normal operation. Altering these bits will cause an abnormal USB behavior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com