Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C102 Datasheet(PDF) 14 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 14 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 10Page - SMSC Corporation USB97C102 Datasheet HTML 11Page - SMSC Corporation USB97C102 Datasheet HTML 12Page - SMSC Corporation USB97C102 Datasheet HTML 13Page - SMSC Corporation USB97C102 Datasheet HTML 14Page - SMSC Corporation USB97C102 Datasheet HTML 15Page - SMSC Corporation USB97C102 Datasheet HTML 16Page - SMSC Corporation USB97C102 Datasheet HTML 17Page - SMSC Corporation USB97C102 Datasheet HTML 18Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 80 page
background image
SMSC DS – USB97C102
Page 14
Rev. 03/23/2000
4k (0x800)
4k
4k
4k
4k
4k
4k
4k
...
...
ISA RAM Address Map
1 of 64 - 16K
Flash Page
8051 MCU External Data Address
Space
0xFFFF
0xC000
1 of 64 - 16K
Flash Page
0x5000
0x100h
0x4000
Selected
by
"MEMBase"
Register
0x0000
16k
16k
16k
16k
16k
16k
16k
16k
...
...
FLASH Address Map
Selected
by "MEMBANK"
Register
16k
16k
16k
16k
16k
16k
16k
16k
...
...
ISA I/O
MCU to External Data I/O and Memory Map Diagram
4k - ISA Mem
0x8000
Selected by "MEMBANK2"
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com