Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C102 Datasheet(PDF) 6 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 6 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 2Page - SMSC Corporation USB97C102 Datasheet HTML 3Page - SMSC Corporation USB97C102 Datasheet HTML 4Page - SMSC Corporation USB97C102 Datasheet HTML 5Page - SMSC Corporation USB97C102 Datasheet HTML 6Page - SMSC Corporation USB97C102 Datasheet HTML 7Page - SMSC Corporation USB97C102 Datasheet HTML 8Page - SMSC Corporation USB97C102 Datasheet HTML 9Page - SMSC Corporation USB97C102 Datasheet HTML 10Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
SMSC DS – USB97C102
Page 6
Rev. 03/23/2000
QFP PIN
NUMBER
SYMBOL
PIN DESCRIPTION
BUFFER
TYPE
30
XTAL1/
Clock In
24MHz Crystal or clock input.
This pin can be connected to one terminal of the crystal or can be
connected to an external clock when a crystal is not used.
ICLKx
31
XTAL2
24MHz Crystal
This is the other terminal of the crystal.
OCLKx
99
EXTCLK
Alternate clock to 8237
An external clock can be used for the internal 8237. This clock can be
used to synchronize the 8237 to other devices.
ICLK
33
CLKOUT
Clock output.
This clock frequency is the same as the 8051 running clock.
This clock is stopped when the 8051 is stopped. Peripherals should not
use this clock when they are expected to run when the 8051 is stopped.
This clock can be used to synchronize other devices to the 8051.
O8
USB INTERFACE
87, 86
USBD-
USBD+
USB Upstream Connection signals
These are two point-to-point signals and driven differentially.
IOUSB
96, 94, 92,
90.
nPWREN[5:2]
USB Power Enable
A low signal on this pin applies power to the associated USB port (port
#5 through #2). This output signal is active low.
O24
95, 93, 91,
89.
nPWROK[5:2]
USB Over-Current Sense
Input to indicate an over-current condition for a bus powered USB
device on an external downstream port (port #5 through #2).
I
85, 84, 83,
82, 81, 78,
79, 77.
nPD+[5:2],
nPD -[5:2]
USB Downstream Connection Signals
These are two point-to-point signals and driven differentially. They are
used as standard “Walk Up” USB Port Connections
IOUSB
FLASH INTERFACE
45-52
FD[7:0]
Flash ROM Data Bus
These signals are used to transfer data between 8051 and the external
FLASH.
IO8
75, 74, 68,
65, 64, 69,
70, 63, 73,
43, 72, 71,
62-58,
56-54
FA[19:0]
Flash ROM Address Bus
These signals address memory locations within the FLASH.
O8
42
NFRD
Flash ROM Read; active low
O8
66
NFWR
Flash ROM Write; active low
O8
44
nFCE
Flash ROM Chip Select; active low
O8
98
FALE
Flash ROM address latch enable
O8
POWER SIGNALS
25,57,76,
101,121
VCC
+3.3 Volt Power
8, 20, 32, 53,
67, 80, 88,
97, 116
GND
Ground Reference
MISCELLANEOUS
41-34
GPIO[7:0]
General Purpose I/O.
These pins can be configured as inputs or outputs under software
control.
I/O24
27
PWRGD
Active high input.
This signal is used to indicate to that chip that a good power level has
been reached. When inactive/low, all pins are Tri-stated except
TST_OUT and a POR is generated.
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com