Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C102 Datasheet(PDF) 18 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 18 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 14Page - SMSC Corporation USB97C102 Datasheet HTML 15Page - SMSC Corporation USB97C102 Datasheet HTML 16Page - SMSC Corporation USB97C102 Datasheet HTML 17Page - SMSC Corporation USB97C102 Datasheet HTML 18Page - SMSC Corporation USB97C102 Datasheet HTML 19Page - SMSC Corporation USB97C102 Datasheet HTML 20Page - SMSC Corporation USB97C102 Datasheet HTML 21Page - SMSC Corporation USB97C102 Datasheet HTML 22Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 80 page
background image
SMSC DS – USB97C102
Page 18
Rev. 03/23/2000
ADDRESS
NAME
R/W
DESCRIPTION
PAGE
7F8B
EP_CTRL11
R/W
Endpoint 11 Control Register
53
7F8C
EP_CTRL12
R/W
Endpoint 12 Control Register
53
7F8D
EP_CTRL13
R/W
Endpoint 13 Control Register
53
7F8E
EP_CTRL14
R/W
Endpoint 14 Control Register
53
7F8F
EP_CTRL15
R/W
Endpoint 15 Control Register
53
7F90
FRAMEL
R
USB Frame Count Low
54
7F91
FRAMEH
R
USB Frame Count High
54
7F92
SIE_ADDR
R/W
USB Local Address Register
54
7F93
SIE_STAT
R
SIE Status Register
57
7F94
SIE_CTRL1
R/W
SIE Control Register 1
57
7F95
SIE_TST1
R/W
Reserved Test Register
7F96
SIE_TST2
R/W
Reserved Test Register
7F97
SIE_EP_TEST
R/W
Reserved Test Register
7F98
SIE_CONFIG
R/W
SIE Configuration Register
58
7F99
ALT_ADDR1
R/W
Secondary Local Address Register #1
55
7F9A
SIE_TST3
R/W
Reserved Test Register
7F9B
SIE_TST4
R/W
Reserved Test Register
7F9C
SIE_TST5
R/W
Reserved Test Register
7F9D
SIE_TST6
R/W
Reserved Test Register
7F9E
ALT_ADDR2
R/W
Secondary Local Address Register #2
55
7F9F
ALT_ADDR3
R/W
Secondary Local Address Register #3
55
7FA9
SIE_CTRL2
R/W
SIE Control Register 2
58
7FAA
EPCMD
R/W
Endpoint Command Register
59
7FAB
NONCTRL_EP1
R/W
Non-Control Endpoint Register 1 (High)
60
7FAC
NONCTRL_EP2
R/W
Non-Control Endpoint Register 2 (Low)
60
7FAD
Reserved
R
Reserved
60
7FAE
MMPCMD
R/W
Mem-Management Command Register
61
7FAF
MMPSTATE
R/W
Mem-Management State Register
61
7FEC
IN_NAKLO
R/W
IN NAK Register Low
62
7FED
IN_NAKHI
R/W
IN NAK Register High
62
7FEE
OUT_NAKLO
R/W
OUT NAK Register Low
62
7FEF
OUT_NAKHI
R/W
OUT NAK Register High
63
Table 10 - HUB Block Register Summary
ADDRESS
NAME
R/W
DESCRIPTION
PAGE
HUB REGISTERS
7FA0
IdVendor-Low
Byte
R/W
Low byte Vendor ID in little endian format
(Bit 0 is the LSB)
7FA1
IdVendor-High
Byte
R/W
High byte Vendor ID in little endian
format (Bit 0 is the LSB)
7FA2
IdProduct-Low
Byte
R/W
Low byte Product ID value in little endian
format (Bit 0 is the LSB). This value is
initialized by firmware upon
initialization/power up. This value must
be initialized prior to the Hub device
participating in and USB enumeration
transactions.
7FA3
IdProduct-High
Byte
R/W
High byte Product ID value in little endian
format (Bit 0 is the LSB). This value is
initialized by firmware upon
initialization/power up. This value must
be initialized prior to the Hub device
participating in and USB enumeration
transactions.
7FA4
BcdDevice - Low
Byte
R/W
This 8-bit value defines the USB device
release number, which is assigned by
the system manufacture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com