Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C102 Datasheet(PDF) 73 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 73 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 69Page - SMSC Corporation USB97C102 Datasheet HTML 70Page - SMSC Corporation USB97C102 Datasheet HTML 71Page - SMSC Corporation USB97C102 Datasheet HTML 72Page - SMSC Corporation USB97C102 Datasheet HTML 73Page - SMSC Corporation USB97C102 Datasheet HTML 74Page - SMSC Corporation USB97C102 Datasheet HTML 75Page - SMSC Corporation USB97C102 Datasheet HTML 76Page - SMSC Corporation USB97C102 Datasheet HTML 77Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 80 page
background image
SMSC DS – USB97C102
Page 73
Rev. 03/23/2000
PARAMETER
SYM
CONDITIONS
(NOTE 1, 2, 3)
MIN
TYP
MAX
UNIT
CABLE IMPEDANCE AND TIMING:
Cable Impedance (Full
Speed)
ZO
(45 $ +/- 15%)
38.75
51.75
$
Cable Delay (One Way)
TCBL
FIGURE 11
30
ns
Note 1: All voltages are measured from the local ground potential, unless otherwise specified.
Note 2: All timing use a capacitive load (CL) to ground of 50pF, unless otherwise specified.
Note 3: Full speed timings have a 1.5K$ pull-up to 2.8 V on the D+ data line.
Note 4: Measured from 10% to 90% of the data signals.
Note 5: The rising and falling edges should be smoothly transiting (monotonic).
Note 6: Timing differences between the differential data signals.
Note 7: Measured at crossover point of differential data signals.
Note 8: These are relative to the 24 MHz crystal.
FIGURE 15 - 8051 IO WRITE CYCLE
Table 122 – 8051 IO Write Cycle
NAME
DESCRIPTION
MIN
MAX
EQUIATION
UNITS
t1
SA[x] and AEN Valid to nIOW Asserted
106
4t-60
ns
t2
nIOW Asserted to nIOW Deasserted
150
6t-100
ns
t3
nIOW Deasserted to SA[x] Invalid
22
t-20
ns
t4
SD[x] Valid to nIOW Deasserted
150
6t-100
ns
t5
SD[x] Hold from nIOW Deasserted
22
t-20
ns
t6
nIOW Deasserted to nIOW Asserted
25
ns
t7
nIOW Deasserted to AEN Deasserted
22
t-20
ns
t8
nIOW Deasserted to SD[x] tri-state
83
2t
ns
Note:
Min and Max delays shown for 8051 clock of 24 MHz, to calculate typical timing delays for other
clock frequencies use Oscillator Equations, where t=1/fCLK.
t7
t3
t1
t2
t4
t6
t5
t8
DATA VALID
AEN
SA[x]
nIOW
SD[x]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com