Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C102 Datasheet(PDF) 41 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 41 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 37Page - SMSC Corporation USB97C102 Datasheet HTML 38Page - SMSC Corporation USB97C102 Datasheet HTML 39Page - SMSC Corporation USB97C102 Datasheet HTML 40Page - SMSC Corporation USB97C102 Datasheet HTML 41Page - SMSC Corporation USB97C102 Datasheet HTML 42Page - SMSC Corporation USB97C102 Datasheet HTML 43Page - SMSC Corporation USB97C102 Datasheet HTML 44Page - SMSC Corporation USB97C102 Datasheet HTML 45Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 80 page
background image
SMSC DS – USB97C102
Page 41
Rev. 03/23/2000
SGDMA_STSx [x=0..3]
(BASE+8 – RESET = 0x00)
SGDMA_STS
BIT
NAME
R
DESCRIPTION
1
START_FIFO_FULLx
[x=0..3]
R
Set(1) when SGDMA_START_FIFOx [x=0..3] is full
Clear(0) when SGDMA_START_FIFOx [x=0..3] is not full
0
START_FIFO_EMPTY
x
[x=0..3]
R
Set(1) when SGDMA_START_FIFOx [x=0..3] is empty
Clear(0) when SGDMA_START_FIFOx [x=0..3] is not not
empty
Table 71 – SGDMA Command Register
SGDMA_CMDx [x=0..3]
(BASE+9 – RESET = 0x00)
SGDMA_CMD
BIT
NAME
R/W
DESCRIPTION
[7:3]
Reserved
R/W
Reserved – Read back as 0
2
PCKT_HD
R
R/W
Set(1) to indicate that a packet header is present. Clear(0) to
indicate that there is no packet header. Applies only if MEM_OP
is set(1).
1
MEM_OP
R/W
Set(1) to indicate a MMU memory operation. Clear(0) to indicate
an ISA memory operation.
!"
When clear(0), the packet size comes from the
SGDMA_SIZEHIx/LOx [x=0..3] registers, whose value is
decremented before being written into the 8237 count
register. The memory address comes from the
SGDMA_ADHIx/LOx [x=0..3] registers.
!"
When set(1), and PCKT_HDR=0, the packet size comes
from the SGDMA_SIZEHIx/LOx [x=0..3] registers, whose
value is decremented before being written into the 8237
count register. The High byte of the address is based on the
packet number, and the low byte of the address is 0.
!"
When set(1), and PCKT_HDR=1, the high byte of the
address is based on the packet number and the low byte of
the address is 8.
For a MemRd transfer, the packet size is read from the
packet header – this value represents the number of bytes
of payload data plus header, so this value minus 9 is written
into the 8237 counter register. If the packet size in the
header is 8 (indicating a zero-byte payload), no DMA
transfer will occur but the SGDMA will but the packet
number into the SGDMA_DONE_FIFOx [x=0..3].
For a MemWr transfer, the SGDMA_SIZEHIx/LOx [x=0..3]
registers contain the number of bytes of payload data, so
this value is decremented before being written into the 8237
count register, and this value plus 8 is written into the packet
memory at an offset of 6.
0
CHANNEL
_ENABLE
R/W
Set(1) to enabled the channel. Clear(0) to disable the channel. If
this bit is cleared during a SGDMA cycle (before TC), then:
!"
If MEM_OP=1, the packet number is put into the
SGDMA_DONE_FIFOx [x=0..3] and the SGDMA returns to
idle, ready for another cycle.
!"
If MEM_OP=0, the SGDMA returns to idle and is ready for
another cycle.
!"
If a memory-to-memory transfer, the packet number for the
MMU channel is put into the SGDMA_DONE_FIFO0x [0 or
1], but none of the updates to the address or size register
occur, and the SGDMA returns to idle and is ready for
another cycle.
Note 1: The PKT_HDR and MEM_OP bits must not be changed unless the channel is disabled
(CHANNEL_ENABLRE=0 in register SGDMA_CMDx [x=0..3]) and not busy (DMA_BUSY=0 in
register SGDMA_STSx [x=0..3]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com