Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C102 Datasheet(PDF) 78 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 78 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 72Page - SMSC Corporation USB97C102 Datasheet HTML 73Page - SMSC Corporation USB97C102 Datasheet HTML 74Page - SMSC Corporation USB97C102 Datasheet HTML 75Page - SMSC Corporation USB97C102 Datasheet HTML 76Page - SMSC Corporation USB97C102 Datasheet HTML 77Page - SMSC Corporation USB97C102 Datasheet HTML 78Page - SMSC Corporation USB97C102 Datasheet HTML 79Page - SMSC Corporation USB97C102 Datasheet HTML 80Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 78 / 80 page
background image
SMSC DS – USB97C102
Page 78
Rev. 03/23/2000
FIGURE 21 - 8051 FLASH MEMORY READ TIMING
Table 128 - 8051 Flash Memory Read Timing Parameters
PARAMETER
MIN
TYP
MAX
OSCILLATOR
EQUATION
UNITS
t1
SA[19:0] Valid to nMEMRD asserted
107
4t-60
ns
t2
nMEMRD active pulse width
150
6t-100
ns
t3
nMEMRD deasserted to SA[19:0]
Invalid
21.66
t-20
ns
t4
nMEMRD asserted to Data Valid
0
ns
t7
SD[7:0] data Hold from nMEMRD
deasserted
0
ns
t8
nMEMRD deasserted to SD[7:0]
data tri-state
64
2t-20
ns
t11
FALE deasserted to nMEMRD
asserted
84
165
3t +/- 40
ns
Note:
Min and Max delays shown for an 8051 clock of 24MHz, to calculate timing delays for other clock
frequencies use the Oscillator Equations, where T=1/Fclk.
t3
t1
t2
t4
t7
DATA VALID
FALE
SA[19:0]
nMEMRD
SD[7:0]
t8
t10
t11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com